Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1457EVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1457EVB
Description  150mA Ultra Low Dropout Regulator with Undervoltage Flag
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1457EVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1457EVB Datasheet HTML 3Page - Semtech Corporation SC1457EVB Datasheet HTML 4Page - Semtech Corporation SC1457EVB Datasheet HTML 5Page - Semtech Corporation SC1457EVB Datasheet HTML 6Page - Semtech Corporation SC1457EVB Datasheet HTML 7Page - Semtech Corporation SC1457EVB Datasheet HTML 8Page - Semtech Corporation SC1457EVB Datasheet HTML 9Page - Semtech Corporation SC1457EVB Datasheet HTML 10Page - Semtech Corporation SC1457EVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
 2004 Semtech Corp.
www.semtech.com
SC1457
POWER MANAGEMENT
Quiescent Current vs. Junction Temperature
vs. Input Voltage
Off-State Quiescent Current
vs. Junction Temperature
Typical Characteristics
Output Voltage vs. Junction Temperature
vs. Output Current
Line Regulation vs. Junction Temperature
vs. Input Voltage Change
Load Regulation vs.
Junction Temperature
Current Limit vs. Junction Temperature
vs. Input Voltage
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
TJ (°C)
IOUT = 150mA
VIN = 3.8V
VIN = 6.5V
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 6.5V
VEN = 0V
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VOUT + 1V
IOUT = 1mA
IOUT = 50mA
100mA
≤ IOUT ≤ 150mA
0
2
4
6
8
10
12
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VOUT + 1V to 5.5V
VIN = VOUT + 1V to 6.5V
IOUT = 1mA
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VOUT + 1V
IOUT = 0.1mA to 150mA
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 6.5V
VIN = 3.8V


Similar Part No. - SC1457EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452XIMSTR SEMTECH-SC1452XIMSTR Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452XIMSTR SEMTECH-SC1452XIMSTR Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
SC1452XIMSTRT SEMTECH-SC1452XIMSTRT Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
More results

Similar Description - SC1457EVB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951 Datasheet
170Kb / 8P
   150mA Ultra Low Dropout Voltage Regulator
logo
Semtech Corporation
SC553 SEMTECH-SC553 Datasheet
168Kb / 7P
   150mA Ultra Low Dropout Regulator with Adjustable Output
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_14 Datasheet
186Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951_15 Datasheet
345Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
logo
Texas Instruments
LP2966 TI-LP2966_15 Datasheet
1Mb / 22P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
Semtech Corporation
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com