Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1453EVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1453EVB
Description  150mA Ultra Low Dropout Regulator with Low Noise Bypass
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1453EVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1453EVB Datasheet HTML 6Page - Semtech Corporation SC1453EVB Datasheet HTML 7Page - Semtech Corporation SC1453EVB Datasheet HTML 8Page - Semtech Corporation SC1453EVB Datasheet HTML 9Page - Semtech Corporation SC1453EVB Datasheet HTML 10Page - Semtech Corporation SC1453EVB Datasheet HTML 11Page - Semtech Corporation SC1453EVB Datasheet HTML 12Page - Semtech Corporation SC1453EVB Datasheet HTML 13Page - Semtech Corporation SC1453EVB Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1453
Output Spectral Noise Density vs. Frequency
vs. Output Voltage, C
OUT = 100µF
Output Spectral Noise Density vs. Frequency
vs. Output Capacitance
Typical Characteristics (Cont.)
Output Spectral Noise Density vs. Frequency
vs. Bypass Capacitance
Output Spectral Noise Density vs. Frequency
vs. Output Current
Power Supply Rejection Ratio vs. Frequency
vs. Output Voltage, C
BYP = 10nF
Power Supply Rejection Ratio vs. Frequency
vs. Output Voltage, C
BYP = 100nF
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
VIN = VOUT + 1V
IOUT = 1mA
CIN = 1µF
CBYP = 10nF
TJ = 25°C
Top to bottom:
VOUT = 3.3V
VOUT = 3.0V
VOUT = 2.8V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
VOUT = 1.5V
VIN = 2.5V
IOUT = 1mA
CBYP = 10nF
CIN = 1µF
TJ = 25°C
Left to right:
COUT = 100µF
COUT = 44µF
COUT = 22µF
COUT = 10µF
COUT = 1µF
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
CBYP = 1nF
CBYP = 10nF
CBYP = 100nF
CBYP = 1µF
VOUT = 1.5V
VIN = 2.5V
IOUT = 1mA
CIN = 1µF
COUT = 1µF
TJ = 25°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
VOUT = 1.5V
VIN = 2.5V
CIN = 1µF
CBYP = 10nF
COUT = 1µF
TJ = 25°C
Top to bottom:
IOUT = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 1mA
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
f (kHz)
VIN = VOUT + 1V
CIN = COUT = 1µF
CBYP = 10nF
IOUT = 1mA
TJ = 25°C
Top to bottom:
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 2.8V
VOUT = 3.0V
VOUT = 3.3V
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
f (kHz)
VIN = VOUT + 1V
CIN = COUT = 1µF
CBYP = 100nF
IOUT = 1mA
TJ = 25°C
Top to bottom:
VOUT = 1.5V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 2.8V
VOUT = 3.0V
VOUT = 3.3V


Similar Part No. - SC1453EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1453EVB SEMTECH-SC1453EVB Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
More results

Similar Description - SC1453EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com