Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1457 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1457
Description  150mA Ultra Low Dropout Regulator with Undervoltage Flag
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1457 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1457 Datasheet HTML 5Page - Semtech Corporation SC1457 Datasheet HTML 6Page - Semtech Corporation SC1457 Datasheet HTML 7Page - Semtech Corporation SC1457 Datasheet HTML 8Page - Semtech Corporation SC1457 Datasheet HTML 9Page - Semtech Corporation SC1457 Datasheet HTML 10Page - Semtech Corporation SC1457 Datasheet HTML 11Page - Semtech Corporation SC1457 Datasheet HTML 12Page - Semtech Corporation SC1457 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
 2004 Semtech Corp.
www.semtech.com
SC1457
POWER MANAGEMENT
Evaluation Board Schematic
Evaluation Board Bill of Materials
y
t
i
t
n
a
u
Qe
c
n
e
r
e
f
e
Rn
o
i
t
p
i
r
c
s
e
D
/
t
r
a
Pr
o
d
n
e
Vs
e
t
o
N
35
C
,
4
C
,
1
Cd
e
c
a
l
p
t
o
N
23
C
,
2
Cc
i
m
a
r
e
c
F
µ
1a
t
a
r
u
M0
1
K
5
0
1
R
7
X
6
-
2
4
M
R
G
11
Jt
e
k
c
o
s
C
N
Bs
u
o
ir
a
VV
T
U
O
r
o
ti
n
o
m
e
l
p
p
ir
34
J
-
2
Jn
i
p
t
s
e
Ts
u
o
ir
a
Vd
e
R
15
Jn
i
p
t
s
e
Ts
u
o
ir
a
Ve
ti
h
W
16
Jn
i
p
2
,r
e
d
a
e
Hs
u
o
ir
a
V
17
Jn
i
p
t
s
e
Ts
u
o
ir
a
Vw
o
ll
e
Y
26
1
J
,
8
Jn
i
p
3
,r
e
d
a
e
Hs
u
o
ir
a
V
19
Jn
i
p
t
s
e
Ts
u
o
ir
a
Ve
g
n
a
r
O
65
1
J
-
0
1
Jn
i
p
t
s
e
Ts
u
o
ir
a
Vk
c
a
l
B
11
Q0
1
4
4
i
Sy
a
h
s
i
V
11
Rk
0
0
1
W
0
1
/
1
,s
u
o
ir
a
V
12
Rd
e
c
a
l
p
t
o
N
13
Re
g
a
p
t
x
e
n
e
e
Ss
u
o
ir
a
V
14
Rk
0
1
W
0
1
/
1
,s
u
o
ir
a
V
11
U
r
o
X
.
X
-
K
S
I
7
5
4
1
C
S
X
X
-
K
S
T
I
7
5
4
1
C
S
h
c
e
t
m
e
S
C3
R1
C4
C1
C5
C2
R4
U1
SC1457
1
2
3
4
5
IN
GND
EN
FLG
OUT
J6
IQ MON
1
2
R3
Q1
Si4410
1
2
3
4
5
6
7
8
S
S
S
GD
D
D
D
J3
IN
J5
EN
J2
IN MON
J14
GND
J13
GND
J4
OUT MON
J12
GND
J11
GND
J10
GND
J9
LOAD DRV
J15
GND
J1
RIPPLE MON
J7
FLG
R2
J16
LOAD DRV EN
1
2
3
J8
EN
1
2
3


Similar Part No. - SC1457

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452XIMSTR SEMTECH-SC1452XIMSTR Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452XIMSTR SEMTECH-SC1452XIMSTR Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
SC1452XIMSTRT SEMTECH-SC1452XIMSTRT Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
More results

Similar Description - SC1457

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951 Datasheet
170Kb / 8P
   150mA Ultra Low Dropout Voltage Regulator
logo
Semtech Corporation
SC553 SEMTECH-SC553 Datasheet
168Kb / 7P
   150mA Ultra Low Dropout Regulator with Adjustable Output
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_14 Datasheet
186Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951_15 Datasheet
345Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
logo
Texas Instruments
LP2966 TI-LP2966_15 Datasheet
1Mb / 22P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
Semtech Corporation
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com