Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC11230CSK.TR Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC11230CSK.TR
Description  150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC11230CSK.TR Datasheet(HTML) 5 Page - Semtech Corporation

  SC11230CSK.TR Datasheet HTML 1Page - Semtech Corporation SC11230CSK.TR Datasheet HTML 2Page - Semtech Corporation SC11230CSK.TR Datasheet HTML 3Page - Semtech Corporation SC11230CSK.TR Datasheet HTML 4Page - Semtech Corporation SC11230CSK.TR Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
ã 2001 Semtech Corp.
www.semtech.com
SC112
POWER MANAGEMENT
PRELIMINARY
Semtech Corporation
Power Management Products Division
652 Mitchell Rd., Newbury Park, CA 91320
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
Outline Drawing - SOT23-6
Minimum Land Pattern -SOT23-6


Similar Part No. - SC11230CSK.TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC112 SEMTECH-SC112 Datasheet
58Kb / 5P
   150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
logo
Littelfuse
SC1122-01UTG LITTELFUSE-SC1122-01UTG Datasheet
1Mb / 6P
   TVS Diode Arrays (SPA ? Diodes) SC11xx Series Discrete Unidirectional TVS Diode
Revision: 10/16/20
More results

Similar Description - SC11230CSK.TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC112 SEMTECH-SC112 Datasheet
58Kb / 5P
   150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
Cherry Semiconductor Co...
CS8321 CHERRY-CS8321 Datasheet
164Kb / 6P
   Micropower 5V, 150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
   Low Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com