Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1705ILQ Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1705ILQ
Description  88W Stereo Filterless Class-D Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1705ILQ Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX1705ILQ Datasheet HTML 2Page - Microsemi Corporation LX1705ILQ Datasheet HTML 3Page - Microsemi Corporation LX1705ILQ Datasheet HTML 4Page - Microsemi Corporation LX1705ILQ Datasheet HTML 5Page - Microsemi Corporation LX1705ILQ Datasheet HTML 6Page - Microsemi Corporation LX1705ILQ Datasheet HTML 7Page - Microsemi Corporation LX1705ILQ Datasheet HTML 8Page - Microsemi Corporation LX1705ILQ Datasheet HTML 9Page - Microsemi Corporation LX1705ILQ Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LX1705
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2007
Rev. 1.2, 2007-03-20
8+8W Stereo Filterless Class-D Amplifier
TM
®
SIMPLIFIED BLOCK DIAGRAM
IN1P
IN1N
-
+
IN2P
IN2N
PWM
OSC
BOOT1P
OUT1P
BOOT1N
OUT1N
AVSS2
ROSC
PVSS1P
MUTE
MUTE
-
+
NFET
H-BRIDGE
PVDD
VREF
VREF
-
+
PWM
-
+
CONTROL BLOCK
-UVLO
-De-Pop
Mute
-Thermal
VREF
STATUS
TMON
STBY
MUTE
TCTRL
V5V
AVSS1
VREF
VREF
MUTE
MUTE
MUTE
BOOT2P
OUT2P
BOOT2N
OUT2N
NFET
H-BRIDGE
PVDD1
PVSS2P
PVDD2
PVSS1N
PVSS2N
Figure 1 –
Simplified Block Diagram


Similar Part No. - LX1705ILQ

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
LX170 LUMINIS-LX170 Datasheet
95Kb / 2P
   Pedestal mount
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701 Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
More results

Similar Description - LX1705ILQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
   FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
   Filterless 2W Class-D Stereo Audio Amplifier
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
   2W, Filterless, Class-D Stereo Audio Amplifier
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com