Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1566 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1566
Description  Very Low Dropout 3.0 Amp Regulator With Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1566 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1566 Datasheet HTML 4Page - Semtech Corporation SC1566 Datasheet HTML 5Page - Semtech Corporation SC1566 Datasheet HTML 6Page - Semtech Corporation SC1566 Datasheet HTML 7Page - Semtech Corporation SC1566 Datasheet HTML 8Page - Semtech Corporation SC1566 Datasheet HTML 9Page - Semtech Corporation SC1566 Datasheet HTML 10Page - Semtech Corporation SC1566 Datasheet HTML 11Page - Semtech Corporation SC1566 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
 2005 Semtech Corp.
www.semtech.com
SC1566
POWER MANAGEMENT
Using this figure, and assuming T
A(MAX) = 85°C, we can
calculate the maximum thermal impedance allowable to
maintain T
J ≤ 150°C (see page 7):
() ()
W
/
C
33
R
therefore
,
W
/
C
0
R
and
W
/
C
3
R
W
/
C
36
81
.
1
85
150
P
T
T
R
)
MAX
)(
A
S
(
TH
)
S
C
(
TH
)
MAX
)(
C
J
(
TH
)
MAX
(
D
)
MAX
(
A
)
MAX
(
J
)
MAX
)(
A
J
(
TH
°
=
°
=
°
=
°
=
=
=
Applications Information (Cont.)
This should be achievable for the TO-263 package using
pcb copper area to aid in conducting the heat away from
the device, such as a large (~2 squ. inch) pad connected
to the tab of the device. Internal ground/power planes
and air flow will also assist in removing heat. For higher
power dissipations it may be necessary to use a small
heatsink and the TO-220 package.
Figure 1. Phase-margin Contour Plot
0.001
0.01
0.1
1
10
3A
300mA
30mA
3mA
ESR(Ohms)
Load
Co=2.2uF, Stable Region:
Unstable Region:
0.001
0.01
0.1
1
10
3A
300mA
30mA
3mA
ESR(Ohms)
Load
Co=220uF, Stable Region:
Unstable Region:
0.001
0.01
0.1
1
10
3A
300mA
30mA
3mA
ESR(Ohms)
Load
Co=22uF, Stable Region:
Unstable Region:


Similar Part No. - SC1566

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1566 SEMTECH-SC1566 Datasheet
224Kb / 9P
   Very Low Dropout 3.0 Amp Regulator With Enable
SC1566I5M-1.8TR SEMTECH-SC1566I5M-1.8TR Datasheet
224Kb / 9P
   Very Low Dropout 3.0 Amp Regulator With Enable
SC1566I5M-2.5TR SEMTECH-SC1566I5M-2.5TR Datasheet
224Kb / 9P
   Very Low Dropout 3.0 Amp Regulator With Enable
logo
Samtec, Inc
SC1566I5M2.5TRT SAMTEC-SC1566I5M2.5TRT Datasheet
256Kb / 12P
   Very Low Dropout 3.0 Amp Regulator With Enable
logo
Semtech Corporation
SC1566I5T-1.8 SEMTECH-SC1566I5T-1.8 Datasheet
224Kb / 9P
   Very Low Dropout 3.0 Amp Regulator With Enable
More results

Similar Description - SC1566

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SC1566I5M2.5TRT SAMTEC-SC1566I5M2.5TRT Datasheet
256Kb / 12P
   Very Low Dropout 3.0 Amp Regulator With Enable
logo
Semtech Corporation
SC1566 SEMTECH-SC1566 Datasheet
224Kb / 9P
   Very Low Dropout 3.0 Amp Regulator With Enable
SC1565 SEMTECH-SC1565 Datasheet
168Kb / 10P
   VERY LOW DROPOUT 1.5 AMP REGULATOR WITH ENABLE
SC1565 SEMTECH-SC1565_05 Datasheet
289Kb / 14P
   Very Low Dropout 1.5 Amp Regulator With Enable
logo
Samtec, Inc
SC1565I5M-1.8TRT SAMTEC-SC1565I5M-1.8TRT Datasheet
270Kb / 14P
   Very Low Dropout 1.5 Amp Regulator With Enable
logo
Semtech Corporation
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
   Very Low Dropout 1 Amp Regulator With Enable
SC1565 SEMTECH-SC1565_09 Datasheet
272Kb / 14P
   Very Low Dropout 1.5 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4216 SEMTECH-SC4216_09 Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com