Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46RB50 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46RB50_06 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46RB50_06 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46RB50_06 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46RB50_06 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46RB50_06 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46RB50_06 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46RB50_06 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46RB50_06 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46RB50_06 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
HT46RB50
A/D Type USB 8-Bit MCU
Rev. 1.20
1
November 1, 2006
General Description
This device is an 8-bit high performance RISC
architecture microcontroller designed for USB product
applications. It is particularly suitable for use in products
such as USB and/or SPI touch-panels, USB and/or SPI
touch-pads, PS II joysticks, XBOX joysticks, USB Mice
keyboards and joystick. A HALT feature is included to
reduce power consumption.
Features
· Operating voltage:
fSYS=6MHz: 2.2V~5.5V
fSYS=12MHz: 2.7V~5.5V
· 38 bidirectional I/O lines (max.)
· 1 interrupt input shared with an I/O line
· One 16-bit programmable timer/event counter with
overflow interrupt
· One 8-bit programmable timer/event counter with
overflow interrupt and 7 stage prescaler
· Only crystal oscillator (6MHz or 12MHz)
· Watchdog Timer
· 4096´15 program memory
· 192´8 data memory RAM
· HALT function and wake-up feature reduce power
consumption
· Up to 0.33ms instruction cycle with 12MHz system
clock at VDD=5V
· 6-level subroutine nesting
· 8 channels 10-bit resolution A/D converter
· 2-channel 8-bit PWM output shared with two I/O lines
· SIO (synchronous serial I/O) function
· Supports Interrupt, Control, Bulk transfer
· USB 1.1 full speed function compatible
· 4 endpoints supported (endpoint 0 included)
· Total FIFO size is 88 byte (8, 8, 8, 64 for EP0~EP3)
· Bit manipulation instruction
· 15-bit table read instruction
· 63 powerful instructions
· All instructions in one or two machine cycles
· Low voltage reset function
· 28-pin SOP/SKDIP, 48-pin SSOP package
Technical Document
· Tools Information
· FAQs
· Application Note


Similar Part No. - HT46RB50_06

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RB50 HOLTEK-HT46RB50_12 Datasheet
359Kb / 52P
   A/D Type USB 8-Bit MCU
HT46RB50 HOLTEK-HT46RB50_14 Datasheet
951Kb / 50P
   28-pin SOP/SKDIP竊?8-pin SSOP
More results

Similar Description - HT46RB50_06

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RB70 HOLTEK-HT46RB70 Datasheet
373Kb / 53P
   A/D Type USB 8-Bit MCU
HT46RB50 HOLTEK-HT46RB50_12 Datasheet
359Kb / 52P
   A/D Type USB 8-Bit MCU
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A Datasheet
147Kb / 21P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
   A/D Type 8-Bit MCU
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
   A/D Type 8-Bit MCU
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
   A/D Type 8-Bit MCU
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com