Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP5218 Datasheet(PDF) 7 Page - IMP, Inc

Part # IMP5218
Description  9--Liine Pllug and Pllay SCSII Termiinattor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP5218 Datasheet(HTML) 7 Page - IMP, Inc

Back Button IMP5218 Datasheet HTML 2Page - IMP, Inc IMP5218 Datasheet HTML 3Page - IMP, Inc IMP5218 Datasheet HTML 4Page - IMP, Inc IMP5218 Datasheet HTML 5Page - IMP, Inc IMP5218 Datasheet HTML 6Page - IMP, Inc IMP5218 Datasheet HTML 7Page - IMP, Inc IMP5218 Datasheet HTML 8Page - IMP, Inc IMP5218 Datasheet HTML 9Page - IMP, Inc IMP5218 Datasheet HTML 10Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Communications
7
Junction Temperature (
°C)
5218_13.eps
0
25
50
75
100
125
2.0
2.5
3.0
3.5
4.0
4.5
Junction Temperature (
°C)
5218_14.eps
0
25
50
75
100
125
5
10
15
20
25
30
VT = 4.75V
Figure 13. Output High Voltage vs. Junction Temperature
Figure 14. Output Current vs. Junction Temperature
Termination Voltage (V)
5218_17.eps
2.5
3.0
3.5
4.5
5.5
4.0
5.0
6.0
0
1
2
3
5
4
6
7
Termination Voltage (V)
5218_18.eps
012
4
35
6
0
50
100
250
150
350
200
300
400
Figure 17. TermPwr Supply Current
vs. Termination Voltage
Figure 18. TermPwr Supply Current
vs. Termination Voltage (Disabled)
Output High Voltage (V)
5218_15.eps
0
0.4
1.2
2.0
0.8
1.6
2.4
2.8
3.2
0
5
10
15
20
25
VT = 4.75V
VA = 25°C
Output High Voltage (V)
5218_16.eps
0
0.4
1.2
2.0
0.8
1.6
2.4
2.8
3.2
0
5
10
15
20
25
VT = 3.3V
VA = 25°C
Figure 15. Output Current vs. Output High Voltage
Figure 16. Output Current vs. Output High Voltage
Typical Characteristics
IMP5
IMP511111/5
1/5111122
IMP52
IMP521188
Daily Silver IMP


Similar Part No. - IMP5218

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP5218 A1PROS-IMP5218 Datasheet
310Kb / 10P
   9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
IMP5218CDW A1PROS-IMP5218CDW Datasheet
310Kb / 10P
   9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
IMP5218CDWT A1PROS-IMP5218CDWT Datasheet
310Kb / 10P
   9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
IMP5218CPW A1PROS-IMP5218CPW Datasheet
310Kb / 10P
   9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
IMP5218CPWT A1PROS-IMP5218CPWT Datasheet
310Kb / 10P
   9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
More results

Similar Description - IMP5218

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP5218 A1PROS-IMP5218 Datasheet
310Kb / 10P
   9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
IMP5225 A1PROS-IMP5225 Datasheet
210Kb / 6P
   18--Liine Pllug and Pllay SCSII Termiinattor
08/19/02
IMP5226 A1PROS-IMP5226 Datasheet
154Kb / 6P
   18--Liine Pllug and Pllay SCSII Termiinattor
08/19/02
logo
IMP, Inc
IMP5219 IMP-IMP5219 Datasheet
294Kb / 10P
   9--Liine SCSII Termiinattor
logo
A1 PROs co., Ltd.
IMP51115 A1PROS-IMP51115 Datasheet
205Kb / 6P
   9--Liine SCSII Termiinattor
08/19/02
IMP5219 A1PROS-IMP5219 Datasheet
312Kb / 10P
   9--Liine SCSII Termiinattor
07/31/00
logo
IMP, Inc
IMP5115 IMP-IMP5115 Datasheet
200Kb / 6P
   9--Liine SCSII Termiinattor-35MHz Channell Bandwiidtth
logo
A1 PROs co., Ltd.
IMP5111CDP A1PROS-IMP5111CDP Datasheet
163Kb / 6P
   9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
08/19/02
logo
IMP, Inc
IMP5111 IMP-IMP5111 Datasheet
158Kb / 6P
   9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
logo
A1 PROs co., Ltd.
IMP5245 A1PROS-IMP5245 Datasheet
123Kb / 5P
   LVD SCSII Termiinattor
08/12/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com