Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1009GDR8 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS1009GDR8
Description  2.5 Volt Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1009GDR8 Datasheet(HTML) 1 Page - ON Semiconductor

  CS1009GDR8 Datasheet HTML 1Page - ON Semiconductor CS1009GDR8 Datasheet HTML 2Page - ON Semiconductor CS1009GDR8 Datasheet HTML 3Page - ON Semiconductor CS1009GDR8 Datasheet HTML 4Page - ON Semiconductor CS1009GDR8 Datasheet HTML 5Page - ON Semiconductor CS1009GDR8 Datasheet HTML 6Page - ON Semiconductor CS1009GDR8 Datasheet HTML 7Page - ON Semiconductor CS1009GDR8 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
April, 2001 – Rev. 6
1
Publication Order Number:
CS1009/D
CS1009
2.5 Volt Reference
The CS1009 is a precision trimmed 2.5 V
±5.0 mV shunt regulator
diode. The low dynamic impedance and wide operating current range
enhances its versatility. The tight reference tolerance is achieved by
on–chip trimming which minimizes voltage tolerance and temperature
drift.
A third terminal allows the reference voltage to be adjusted
±5.0%
to calibrate out system errors. In many applications, the CS1009GZ
can be used as a pin–to–pin replacement of the LT1009CZ and the
LM136Z–2.5 with the external trim network eliminated.
Features
0.2% Initial Tolerance Max.
Guaranteed Temperature Stability
Maximum 0.6 Ω Dynamic Impedance
Wide Operating Current Range
Directly Interchangeable with LT1009 and LM136 for Improved
Performance
No Adjustments Needed for Minimum Temperature Coefficient
Meets Mil Std 883C ESD Requirements
Figure 1. Application Diagram
5.0 V–35 V
3.6 k
VREF
ADJ
10 k
Ω∗
GND
*
±5.0% Trim Range
TRIM
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
CS1009GD8
SO–8
95 Units/Rail
CS1009GDR8
SO–8
2500 Tape & Reel
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
CS1009GZ3
TO–92
2000 Units
CS1009GZR3
TO–92
2000 Tape & Reel
TO–92
Z SUFFIX
CASE 29
SO–8
D SUFFIX
CASE 751
1
8
ADJ. PIN
GND
1
8
VREF
NC
NC
NC
NC
NC
PIN CONNECTIONS AND
MARKING DIAGRAM
1009
YWW
Pin 1. ADJ. PIN
2. VREF
3. GND
1
1
2
3


Similar Part No. - CS1009GDR8

ManufacturerPart #DatasheetDescription
logo
Power-One
CS1001-7R POWER-ONE-CS1001-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
CUI INC
CS1005B CUI-CS1005B Datasheet
340Kb / 4P
   CURRENT SENSOR
CS1005B CUI-CS1005B Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
logo
SAMWHA ELECTRIC
CS1005C0G104B100NBA SAMWHA-CS1005C0G104B100NBA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
CS1005C0G104B100NBB SAMWHA-CS1005C0G104B100NBB Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
More results

Similar Description - CS1009GDR8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1009 ONSEMI-NCV1009_06 Datasheet
66Kb / 6P
   2.5 Volt Reference
February, 2006 ??Rev. 9
NCV1009 ONSEMI-NCV1009 Datasheet
53Kb / 6P
   2.5 Volt Reference
August, 2004 ??Rev. 6
logo
Microsemi Corporation
SG1503 MICROSEMI-SG1503 Datasheet
152Kb / 3P
   PRECISION 2.5-VOLT REFERENCE
logo
Maxim Integrated Produc...
MX580 MAXIM-MX580 Datasheet
99Kb / 4P
   High Precision 2.5 Volt Reference
Rev 1; 8/96
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D ZETEX-ZR25D Datasheet
54Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-2.5 DIODES-ZR4040-2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com