Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G125GW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AUP1G125GW
Description  Low-power buffer/line driver; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G125GW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1G125GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
74AUP1G125_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 30 June 2006
9 of 21
Philips Semiconductors
74AUP1G125
Low-power buffer/line driver; 3-state
Tamb = 25 °C; CL = 10 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay A to Y
see Figure 7
VCC = 0.8 V
-
24.0
-
ns
VCC = 1.1 V to 1.3 V
3.2
6.4
12.3
ns
VCC = 1.4 V to 1.6 V
2.1
4.5
7.3
ns
VCC = 1.65 V to 1.95 V
1.9
3.8
5.5
ns
VCC = 2.3 V to 2.7 V
2.1
3.2
4.2
ns
VCC = 3.0 V to 3.6 V
1.8
3.0
3.8
ns
tPZH, tPZL
OFF-state to HIGH and
OFF-state to LOW
propagation delay OE to Y
see Figure 8
VCC = 0.8 V
-
73.7
-
ns
VCC = 1.1 V to 1.3 V
3.6
6.9
13.5
ns
VCC = 1.4 V to 1.6 V
2.3
4.8
7.7
ns
VCC = 1.65 V to 1.95 V
2.0
3.9
5.8
ns
VCC = 2.3 V to 2.7 V
1.8
3.2
4.3
ns
VCC = 3.0 V to 3.6 V
1.7
3.0
3.9
ns
tPHZ, tPLZ
HIGH to OFF-state and
LOW to OFF-state
propagation delay OE to Y
see Figure 8
VCC = 0.8 V
-
32.7
-
ns
VCC = 1.1 V to 1.3 V
3.4
5.4
7.9
ns
VCC = 1.4 V to 1.6 V
2.2
4.1
5.5
ns
VCC = 1.65 V to 1.95 V
2.2
4.2
5.6
ns
VCC = 2.3 V to 2.7 V
1.7
3.0
3.8
ns
VCC = 3.0 V to 3.6 V
2.1
3.8
4.8
ns
Tamb = 25 °C; CL = 15 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay A to Y
see Figure 7
VCC = 0.8 V
-
27.4
-
ns
VCC = 1.1 V to 1.3 V
3.6
7.2
14.1
ns
VCC = 1.4 V to 1.6 V
3.0
5.1
8.1
ns
VCC = 1.65 V to 1.95 V
2.2
4.3
6.3
ns
VCC = 2.3 V to 2.7 V
2.0
3.7
4.9
ns
VCC = 3.0 V to 3.6 V
2.0
3.5
4.4
ns
tPZH, tPZL
OFF-state to HIGH and
OFF-state to LOW
propagation delay OE to Y
see Figure 8
VCC = 0.8 V
-
77.5
-
ns
VCC = 1.1 V to 1.3 V
4.0
7.7
15.2
ns
VCC = 1.4 V to 1.6 V
3.0
5.3
8.4
ns
VCC = 1.65 V to 1.95 V
2.3
4.4
6.5
ns
VCC = 2.3 V to 2.7 V
2.1
3.6
5.0
ns
VCC = 3.0 V to 3.6 V
2.0
3.5
4.5
ns
Table 8:
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit


Similar Part No. - 74AUP1G125GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G125GW NEXPERIA-74AUP1G125GW Datasheet
299Kb / 20P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
74AUP1G125GW-Q100 NEXPERIA-74AUP1G125GW-Q100 Datasheet
265Kb / 18P
   Low-power buffer/line driver; 3-state
More results

Similar Description - 74AUP1G125GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AXP1G125 PHILIPS-74AXP1G125_15 Datasheet
183Kb / 18P
   Low-power buffer/line driver; 3-state
Rev. 1-16 January 2014
logo
Nexperia B.V. All right...
74AXP1G125 NEXPERIA-74AXP1G125 Datasheet
210Kb / 17P
   Low-power buffer/line driver 3-state
logo
NXP Semiconductors
74AUP1G125 PHILIPS-74AUP1G125_15 Datasheet
377Kb / 25P
   Low-power buffer/line driver; 3-state
Rev. 6-15 August 2012
74AUP1G126 PHILIPS-74AUP1G126 Datasheet
100Kb / 20P
   Low-Power buffer/line driver; 3-state
Rev. 01-25 July 2005
logo
Nexperia B.V. All right...
74AUP1G126 NEXPERIA-74AUP1G126 Datasheet
310Kb / 22P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
74AUP1G125-Q100 NEXPERIA-74AUP1G125-Q100 Datasheet
265Kb / 18P
   Low-power buffer/line driver; 3-state
74AUP1G125 NEXPERIA-74AUP1G125 Datasheet
299Kb / 20P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
logo
NXP Semiconductors
74AUP1G126 PHILIPS-74AUP1G126_15 Datasheet
378Kb / 25P
   Low-power buffer/line driver; 3-state
Rev. 5-28 June 2012
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com