Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD1810K6-G Datasheet(PDF) 6 Page - Supertex, Inc

Part # MD1810K6-G
Description  High Speed Quad MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1810K6-G Datasheet(HTML) 6 Page - Supertex, Inc

  MD1810K6-G Datasheet HTML 1Page - Supertex, Inc MD1810K6-G Datasheet HTML 2Page - Supertex, Inc MD1810K6-G Datasheet HTML 3Page - Supertex, Inc MD1810K6-G Datasheet HTML 4Page - Supertex, Inc MD1810K6-G Datasheet HTML 5Page - Supertex, Inc MD1810K6-G Datasheet HTML 6Page - Supertex, Inc MD1810K6-G Datasheet HTML 7Page - Supertex, Inc MD1810K6-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
MD1810
Application Information
For proper operation of the MD1810, low inductance bypass
capacitors should be used on the various supply pins. The
GND pin should be connected to the logic ground. The INA,
INB INC, IND, and OE pins should be connected to a logic
source with a swing of GND to V
LL, where VLL is 1.2 to 5.0 volts.
Good trace practices should be followed corresponding to the
desired operating speed. The internal circuitry of the MD1810
is capable of operating up to 100MHz, with the primary speed
limitation being the loading effects of the load capacitance.
Because of this speed and the high transient currents that
result with capacitive loads, the bypass capacitors should
be as close to the chip pins as possible. Unless the load
specifically requires bipolar drive, the V
SS, and VL pins should
have low inductance feed-through connections directly to a
ground plane. If these voltages are not zero, then they need
bypass capacitors in a manner similar to the positive power
supplies. The power connection V
DD should have a ceramic
bypass capacitor to the ground plane with short leads and
decoupling components to prevent resonance in the power
leads.
The voltages of V
H and VL decide the output signal levels.
These two pins can draw fast transient currents of up to
2A, so they should be provided with an appropriate bypass
capacitor located next to the chip pins. A ceramic capacitor
of up to 1.0µF may be appropriate, with a series ferrite bead
to prevent resonance in the power supply lead coming to
the capacitor. Pay particular attention to minimizing trace
lengths, current loop area and using sufficient trace width to
reduce inductance. Surface mount components are highly
recommended. Since the output impedance of this driver is
very low, in some cases it may be desirable to add a small
series resistance in series with the output signal to obtain
better waveform transitions at the load terminals. This will of
course reduce the output voltage slew rate at the terminals
of a capacitive load.
Pay particular attention that parasitic couplings are minimized
from the output to the input signal terminals. The parasitic
feedback may cause oscillations or spurious waveform
shapes on the edges of signal transitions. Since the input
operates with signals down to 1.2V even small coupled
voltages may cause problems. Use of a solid ground plane
and good power and signal layout practices will prevent this
problem. Be careful that a circulating ground return current
from a capacitive load cannot react with common inductance
to cause noise voltages in the input logic circuitry.


Similar Part No. - MD1810K6-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1810K6-G SUTEX-MD1810K6-G Datasheet
523Kb / 7P
   HIGH SPEED QUAD MOSFET DRIVER
More results

Similar Description - MD1810K6-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1811 SUTEX-MD1811 Datasheet
459Kb / 6P
   HIGH SPEED QUAD MOSFET DRIVER
MD1811 SUTEX-MD1811_07 Datasheet
637Kb / 7P
   High Speed Quad MOSFET Driver
MD1813 SUTEX-MD1813 Datasheet
222Kb / 6P
   High Speed Quad MOSFET Driver
MD1810 SUTEX-MD1810 Datasheet
523Kb / 7P
   HIGH SPEED QUAD MOSFET DRIVER
MD1812 SUTEX-MD1812 Datasheet
224Kb / 6P
   High Speed Quad MOSFET Driver
logo
National Semiconductor ...
DS26LS31C NSC-DS26LS31C Datasheet
226Kb / 8P
   Quad High Speed Differential Line Driver
MNDS26LS31M-X NSC-MNDS26LS31M-X Datasheet
163Kb / 9P
   QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
logo
Advanced Power Technolo...
DRF100 ADPOW-DRF100 Datasheet
2Mb / 12P
   High Speed MOSFET Driver
logo
Renesas Technology Corp
ISL78365 RENESAS-ISL78365 Datasheet
306Kb / 5P
   Automotive High-Speed Quad Laser Diode Driver
logo
Texas Instruments
DS26LS31MQML TI1-DS26LS31MQML Datasheet
647Kb / 14P
[Old version datasheet]   DS26LS31MQML Quad High Speed Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com