Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD1210 Datasheet(PDF) 7 Page - Supertex, Inc

Part # MD1210
Description  High Speed Dual MOSFET Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1210 Datasheet(HTML) 7 Page - Supertex, Inc

  MD1210_07 Datasheet HTML 1Page - Supertex, Inc MD1210_07 Datasheet HTML 2Page - Supertex, Inc MD1210_07 Datasheet HTML 3Page - Supertex, Inc MD1210_07 Datasheet HTML 4Page - Supertex, Inc MD1210_07 Datasheet HTML 5Page - Supertex, Inc MD1210_07 Datasheet HTML 6Page - Supertex, Inc MD1210_07 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Doc.# DSFP-MD1210
B011507
MD1210
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
12-Lead 4x4x0.8pitch QFN Package Outline (K6)
1
N
N-1
AA
3
3
DD
3
CC
3
BB
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5m - 1994.
2. All dimensions are in millimeters, all angles are in degrees (O).
3. The terminal #1 identifier and terminal numbering convention shall conform to JEDEC publication 95, SPP-002. Details of terminal #1 identifier are
optional, but must be located within the zone indicated. The terminal #1 identifier may be either a mold or marked feature.
4. Depending on the method of lead termination at the edge of the package, pull back (L1) may be present. L minus L1 to be equal to or greater than
0.33mm.
5. Dimension B applies to metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. If the terminal has the optional radius
on the other end of the terminal, the dimension B should not be measured in that radius area.
&
m
r
o
F
f
o
e
c
n
a
r
e
l
o
T
n
o
i
t
i
s
o
P
a
a
a5
1
.
0
b
b
b0
1
.
0
c
c
c0
1
.
0
d
d
d5
0
.
0
e
u
s
s
IA
s
n
o
i
s
n
e
m
i
D
D
I
m
o
t
t
o
B
A
AB
BC
CD
D
4
3
4
.4
3
4
.1
8
1
.1
8
1
.
l
o
b
m
y
Ss
n
o
i
s
n
e
m
i
D
t
h
g
i
e
H
n
i
Mm
o
Nx
a
M
C
S
B
D0
.
4
C
S
B
E0
.
4
e0
8
.
0
2
D0
.
25
1
.
25
2
.
2
2
E0
.
25
1
.
25
2
.
2
b5
2
.
00
3
.
05
3
.
0
l5
4
.
05
5
.
05
6
.
0
A0
8
.
00
9
.
00
.
1
1
A0
0
.
02
0
.
05
0
.
0
3
A-
-
-f
e
r
0
2
.
0-
-
-
1
L3
0
.
0-
-
-5
1
.
0
e
u
s
s
IA
e
Terminal Tip
5
Datum A or B
4
l1


Similar Part No. - MD1210_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1210K6 SUTEX-MD1210K6 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
More results

Similar Description - MD1210_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Texas Instruments
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVER
logo
Supertex, Inc
MD1211 SUTEX-MD1211 Datasheet
377Kb / 4P
   High Speed, Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com