Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR645 Datasheet(PDF) 3 Page - Supertex, Inc

Part # LR645
Description  High Input Voltage SMPS Start-up / Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR645 Datasheet(HTML) 3 Page - Supertex, Inc

  LR645_07 Datasheet HTML 1Page - Supertex, Inc LR645_07 Datasheet HTML 2Page - Supertex, Inc LR645_07 Datasheet HTML 3Page - Supertex, Inc LR645_07 Datasheet HTML 4Page - Supertex, Inc LR645_07 Datasheet HTML 5Page - Supertex, Inc LR645_07 Datasheet HTML 6Page - Supertex, Inc LR645_07 Datasheet HTML 7Page - Supertex, Inc LR645_07 Datasheet HTML 8Page - Supertex, Inc LR645_07 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
LR645
LR645: SMPS Start-Up Circuit
Symbol
Parameter
Min
Typ
Max
Units
Conditions
I
AUX
Input current to V
OUT
-
-
200
µA
V
AUX ≥ VOUT +1V applied to VOUT pin
ΔV
OUT/
ΔV
IN
Ripple rejection ratio1
50
60
-
dB
120Hz, No Load
e
n
Noise voltage1
-
25
-
µV
0.01 to 100KHz
I
PEAK
Output peak current2
-
30
-
mA
C
OUT = 10µF, VIN = 400V
V
AUX
External voltage applied to V
OUT
-
-
13.2
V
---
8-lead, adjustable output voltage version only:
Test conditions unless otherwise specified: T
A = 25°C; VIN = 15 to 450V, COUT = 0.01µF
V
OUT
Output regulation trim range1
8
-
12
V
No load
ΔV
OUT
Load regulation at 8V trim1
-
200
400
mV
V
IN = 15V, IOUT = 0 to 1.0mA
Load regulation at 12V trim1
-
100
400
mV
V
IN = 50V, IOUT = 0 to 3.0mA
Notes:
1. Guaranteed by design, not tested in production.
2. Pulse test duration < 1.0msec, Duty cycle < 2%
One of the main applications for the LR645 is a start-up
circuit for off-line switch-mode power supplies (SMPS), as
shown in Figure1. A minimum output capacitance of 0.01µF
is recommended for stability. The wide operating input volt-
age range of the LR645 allows the SMPS to operate and
start-up from rectified AC or a DC voltage of 15V to 450V
without adjustment.
During start-up, the LR645 powers the V
CC line of the PWM
IC with a nominal output voltage of 10V. The auxiliary voltage
connected through a diode to the V
OUT pin of the LR645 will
start to increase. When the auxiliary voltage becomes larger
than the output voltage the LR645 turns OFF its internal high
voltage input line and output voltage, allowing the auxiliary
voltage to power the V
CC line of the PWM IC. The input cur-
rent drawn by the LR645 from the high voltage line after
start-up will therefore only be leakage current of the internal
MOSFET switch, which is typically 0.1µA.
The 3-terminal version shown in Figure 1 has load regula-
tion guaranteed from 0 to 3.0mA at a fixed nominal output
voltage of 10V. Applications requiring higher output current
and/or a different output voltage can use the 8 pin adjustable
version.
Figure 1: SMPS Start-Up Circuit
+
15V
to
450V
+
5.0V
V
AUX = 12V
C
OUT
C
IN
V
CC
PWM IC
LR6
GND
V
IN


Similar Part No. - LR645_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645LG SUTEX-LR645LG Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
LR645N3 SUTEX-LR645N3 Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
LR645N5 SUTEX-LR645N5 Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
LR645N8 SUTEX-LR645N8 Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
LR645ND SUTEX-LR645ND Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
More results

Similar Description - LR645_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
logo
Microchip Technology
LR745 MICROCHIP-LR745 Datasheet
333Kb / 15P
   High-Input Voltage SMPS Start-up
01/27/15
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
   High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
   High Input Voltage SMPS Start-up
LR745 SUTEX-LR745 Datasheet
327Kb / 5P
   High Input Voltage SMPS Start-up Circuit
logo
Lowpower Semiconductor ...
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
   1.3V Start-up Input Voltage
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
TS31223 ETC2-TS31223 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
logo
Semtech Corporation
TS31023 SEMTECH-TS31023 Datasheet
2Mb / 15P
   High Input Voltage Linear Regulator
logo
Infineon Technologies A...
IRS25751LPBF INFINEON-IRS25751LPBF Datasheet
610Kb / 13P
   High-Voltage Start-Up IC
January 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com