Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF561WBBZ-5A23 Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-BF561WBBZ-5A23
Description  Blackfin짰 Embedded Symmetric Multiprocessor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF561WBBZ-5A23 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-BF561WBBZ-5A23 Datasheet HTML 4Page - Analog Devices ADSP-BF561WBBZ-5A23 Datasheet HTML 5Page - Analog Devices ADSP-BF561WBBZ-5A23 Datasheet HTML 6Page - Analog Devices ADSP-BF561WBBZ-5A23 Datasheet HTML 7Page - Analog Devices ADSP-BF561WBBZ-5A23 Datasheet HTML 8Page - Analog Devices ADSP-BF561WBBZ-5A23 Datasheet HTML 9Page - Analog Devices ADSP-BF561WBBZ-5A23 Datasheet HTML 10Page - Analog Devices ADSP-BF561WBBZ-5A23 Datasheet HTML 11Page - Analog Devices ADSP-BF561WBBZ-5A23 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Rev. B
|
Page 8 of 64
|
June 2007
ADSP-BF561
Note that general-purpose interrupts can be globally
enabled and disabled with the STI and CLI instructions,
respectively.
• CEC Interrupt Pending Register (IPEND) – The IPEND
register keeps track of all nested events. A set bit in the
IPEND register indicates the event is currently active or
nested at some level. This register is updated automatically
by the controller but may be read while in supervisor mode.
The SIC allows further control of event processing by providing
six 32-bit interrupt control and status registers. Each register
contains a bit corresponding to each of the peripheral interrupt
events shown in Table 2.
• SIC Interrupt Mask Registers (SIC_IMASKx) – These reg-
isters control the masking and unmasking of each
peripheral interrupt event. When a bit is set in these regis-
ters, that peripheral event is unmasked and will be
processed by the system when asserted. A cleared bit in
these registers masks the peripheral event, thereby prevent-
ing the processor from servicing the event.
• SIC Interrupt Status Registers (SIC_ISRx) – As multiple
peripherals can be mapped to a single event, these registers
allow the software to determine which peripheral event
source triggered the interrupt. A set bit indicates the
peripheral is asserting the interrupt; a cleared bit indicates
the peripheral is not asserting the event.
• SIC Interrupt Wakeup Enable Registers (SIC_IWRx) – By
enabling the corresponding bit in these registers, each
peripheral can be configured to wake up the processor,
should the processor be in a powered-down mode when
the event is generated.
Because multiple interrupt sources can map to a single general-
purpose interrupt, multiple pulse assertions can occur simulta-
neously, before or during interrupt processing for an interrupt
event already detected on this interrupt input. The IPEND reg-
ister contents are monitored by the SIC as the interrupt
acknowledgement.
The appropriate ILAT register bit is set when an interrupt rising
edge is detected (detection requires two core clock cycles). The
bit is cleared when the respective IPEND register bit is set. The
IPEND bit indicates that the event has entered into the proces-
sor pipeline. At this point the CEC will recognize and queue the
next rising edge event on the corresponding event input. The
minimum latency from the rising edge transition of the general-
purpose interrupt to the IPEND output asserted is three core
clock cycles; however, the latency can be much higher, depend-
ing on the activity within and the mode of the processor.
DMA CONTROLLERS
The ADSP-BF561 has two independent DMA controllers that
support automated data transfers with minimal overhead for
the DSP cores. DMA transfers can occur between the
ADSP-BF561 internal memories and any of its DMA-capable
peripherals. Additionally, DMA transfers can be accomplished
between any of the DMA-capable peripherals and external
devices connected to the external memory interfaces, including
the SDRAM controller and the asynchronous memory
controller. DMA-capable peripherals include the SPORTs, SPI
port, UART, and PPIs. Each individual DMA-capable periph-
eral has at least one dedicated DMA channel.
The ADSP-BF561 DMA controllers support both 1-dimen-
sional (1-D) and 2-dimensional (2-D) DMA transfers. DMA
transfer initialization can be implemented from registers or
from sets of parameters called descriptor blocks.
The 2-D DMA capability supports arbitrary row and column
sizes up to 64K elements by 64K elements, and arbitrary row
and column step sizes up to ± 32K elements. Furthermore, the
column step size can be less than the row step size, allowing
implementation of interleaved data streams. This feature is
especially useful in video applications where data can be de-
interleaved on the fly.
Examples of DMA types supported by the ADSP-BF561 DMA
controllers include:
• A single linear buffer that stops upon completion.
• A circular autorefreshing buffer that interrupts on each full
or fractionally full buffer.
• 1-D or 2-D DMA using a linked list of descriptors.
• 2-D DMA using an array of descriptors, specifying only the
base DMA address within a common page.
In addition to the dedicated peripheral DMA channels, each
DMA Controller has four memory DMA channels provided for
transfers between the various memories of the ADSP-BF561
system. These enable transfers of blocks of data between any of
the memories—including external SDRAM, ROM, SRAM, and
flash memory—with minimal processor intervention. Memory
DMA transfers can be controlled by a very flexible descriptor-
based methodology or by a standard register-based autobuffer
mechanism.
Further, the ADSP-BF561 has a four channel Internal Memory
DMA (IMDMA) Controller. The IMDMA Controller allows
data transfers between any of the internal L1 and L2 memories.
WATCHDOG TIMER
Each ADSP-BF561 core includes a 32-bit timer, which can be
used to implement a software watchdog function. A software
watchdog can improve system availability by forcing the proces-
sor to a known state, via generation of a hardware reset,
nonmaskable interrupt (NMI), or general-purpose interrupt, if
the timer expires before being reset by software. The program-
mer initializes the count value of the timer, enables the
appropriate interrupt, then enables the timer. Thereafter, the
software must reload the counter before it counts to zero from
the programmed value. This protects the system from remain-
ing in an unknown state where software, which would normally
reset the timer, has stopped running due to an external noise
condition or software error.
After a reset, software can determine if the watchdog was the
source of the hardware reset by interrogating a status bit in the
timer control register, which is set only upon a watchdog gener-
ated reset.


Similar Part No. - ADSP-BF561WBBZ-5A23

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF561WBBZ-5A AD-ADSP-BF561WBBZ-5A Datasheet
2Mb / 60P
   Blackfin Embedded Symmetric Multiprocessor
REV. A
More results

Similar Description - ADSP-BF561WBBZ-5A23

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF561SKBCZ-6V AD-ADSP-BF561SKBCZ-6V Datasheet
3Mb / 64P
   Blackfin Embedded Symmetric Multiprocessor
Rev. E
ADSP-BF561 AD-ADSP-BF561_06 Datasheet
2Mb / 60P
   Blackfin Embedded Symmetric Multiprocessor
REV. A
ADSP-BF538 AD-ADSP-BF538_07 Datasheet
2Mb / 56P
   Blackfin짰 Embedded Processor
REV. 0
ADSP-BF531 AD-ADSP-BF531_07 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF561 AD-ADSP-BF561 Datasheet
508Kb / 52P
   Blackfin Embedded Symmetric Multi-Processor
REV. C
logo
Gamewell-FCI by Honeywe...
CAB-A GAMEWELL-FCI-CAB-A Datasheet
170Kb / 4P
   MULTIPROCESSOR-BASED
logo
Analog Devices
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
logo
Vincotech
10-FZ06NBA100SG10-M305L58 VINCOTECH-10-FZ06NBA100SG10-M305L58 Datasheet
2Mb / 18P
   symmetric booster
logo
Analog Devices
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
logo
RF Micro Devices
RFSW6223 RFMD-RFSW6223 Datasheet
818Kb / 8P
   DPDT SYMMETRIC SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com