Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1104XEVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1104XEVB
Description  Simple, Synchronous Voltage Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1104XEVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1104XEVB Datasheet HTML 4Page - Semtech Corporation SC1104XEVB Datasheet HTML 5Page - Semtech Corporation SC1104XEVB Datasheet HTML 6Page - Semtech Corporation SC1104XEVB Datasheet HTML 7Page - Semtech Corporation SC1104XEVB Datasheet HTML 8Page - Semtech Corporation SC1104XEVB Datasheet HTML 9Page - Semtech Corporation SC1104XEVB Datasheet HTML 10Page - Semtech Corporation SC1104XEVB Datasheet HTML 11Page - Semtech Corporation SC1104XEVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1104A/B
=
Cn
Ra
2
1
f
NET
Value for the resistor R
N should
be 1/10 of the output
divider upper resistor R
A.
Example.
Switching frequency f
SW = 300kHz
Output capacitance C
OUT = 3 x 330µF
Output capacitor ESR = 45m
Ω/each
Output inductance L
OUT = 4.7µH
Input voltage V
IN = 12V
Output voltage V
OUT = 3.3V
Let’s choose crossover frequency
f
CO = 1/20 fSW = 15kHz
The compensation values used in this example are based
on the following criteria:
f
Z = fLC; fNET = 1/10 fLC; fP = 10 fCO = 150kHz
Therefore,
kHz
33
.
2
F
990
H
4.7µ
2
1
f
LC
=
µ
=
kHz
72
.
10
F
990
015
.
0
2
1
f
ESR
=
µ
=
Since, the EA can sink/source about 1mA, let’s choose
Rc = 680
Ω, then
F
1
.
0
Rc
Fz
2
1
C
C
µ
=
=
pF
1500
Rc
Fp
2
1
C
P
=
=
Assuming the output divider lower resistor R
B = 1k, then
for V
OUT = 3.3V the RA = 2.32k.
F
3
.
0
Ra
f
2
1
C
NET
N
µ
=
=
At the closed-loop crossover frequency f
CO, the
Theory of Operation (Cont.)
attenuation due to the L
O, CO filter and the output
resistor divider R
A, RB is compensated by the gain of
the PWM modulator and the gain of the
transconductance error amplifier (Gm
EA
• Z
COMP).
Shown below is a typical Bode plot of the open-loop
frequency response of SC1104 based buck converter.
1
10
100
1k
10k
100k
1Meg
frequency in hertz
-450
-350
-250
-150
-50.0
-80.0
-40.0
0
40.0
80.0
1
2
1 vdberr
2 vpherr


Similar Part No. - SC1104XEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1104 SEMTECH-SC1104 Datasheet
130Kb / 7P
   Simple, Synchronous Voltage Mode PWM Controller
SC1104A SEMTECH-SC1104A Datasheet
130Kb / 7P
   Simple, Synchronous Voltage Mode PWM Controller
SC1104AISTR SEMTECH-SC1104AISTR Datasheet
130Kb / 7P
   Simple, Synchronous Voltage Mode PWM Controller
SC1104B SEMTECH-SC1104B Datasheet
130Kb / 7P
   Simple, Synchronous Voltage Mode PWM Controller
SC1104BISTR SEMTECH-SC1104BISTR Datasheet
130Kb / 7P
   Simple, Synchronous Voltage Mode PWM Controller
More results

Similar Description - SC1104XEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2608A SEMTECH-SC2608A Datasheet
557Kb / 15P
   Simple, Synchronous Voltage Mode PWM Controller
SC1104 SEMTECH-SC1104 Datasheet
130Kb / 7P
   Simple, Synchronous Voltage Mode PWM Controller
SC2608 SEMTECH-SC2608 Datasheet
374Kb / 15P
   Simple, Synchronous Voltage Mode PWM Controller
SC2608B SEMTECH-SC2608B Datasheet
1Mb / 11P
   Simple, Synchronous Voltage Mode PWM Controller
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
   Voltage-Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
   Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com