Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF561SBBZ5002 Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-BF561SBBZ5002
Description  Blackfin짰 Embedded Symmetric Multiprocessor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF561SBBZ5002 Datasheet(HTML) 4 Page - Analog Devices

  ADSP-BF561SBBZ5002 Datasheet HTML 1Page - Analog Devices ADSP-BF561SBBZ5002 Datasheet HTML 2Page - Analog Devices ADSP-BF561SBBZ5002 Datasheet HTML 3Page - Analog Devices ADSP-BF561SBBZ5002 Datasheet HTML 4Page - Analog Devices ADSP-BF561SBBZ5002 Datasheet HTML 5Page - Analog Devices ADSP-BF561SBBZ5002 Datasheet HTML 6Page - Analog Devices ADSP-BF561SBBZ5002 Datasheet HTML 7Page - Analog Devices ADSP-BF561SBBZ5002 Datasheet HTML 8Page - Analog Devices ADSP-BF561SBBZ5002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
Rev. B
|
Page 4 of 64
|
June 2007
ADSP-BF561
MEMORY ARCHITECTURE
The ADSP-BF561 views memory as a single unified 4G byte
address space, using 32-bit addresses. All resources including
internal memory, external memory, and I/O control registers
occupy separate sections of this common address space. The
memory portions of this address space are arranged in a hierar-
chical structure to provide a good cost/performance balance of
some very fast, low latency memory as cache or SRAM very
close to the processor, and larger, lower cost and performance
memory systems farther away from the processor. The
ADSP-BF561 memory map is shown in Figure 3.
The L1 memory system in each core is the highest performance
memory available to each Blackfin core. The L2 memory pro-
vides additional capacity with lower performance. Lastly, the
off-chip memory system, accessed through the External Bus
Interface Unit (EBIU), provides expansion with SDRAM, flash
memory, and SRAM, optionally accessing more than
768M bytes of physical memory. The memory DMA controllers
provide high bandwidth data movement capability. They can
perform block transfers of code or data between the internal
L1/L2 memories and the external memory spaces.
Internal (On-Chip) Memory
The ADSP-BF561 has four blocks of on-chip memory providing
high bandwidth access to the core.
The first is the L1 instruction memory of each Blackfin core
consisting of 16K bytes of four-way set-associative cache mem-
ory and 16K bytes of SRAM. The cache memory may also be
configured as an SRAM. This memory is accessed at full proces-
sor speed. When configured as SRAM, each of the two 16K
banks of memory is broken into 4K sub-banks which can be
independently accessed by the processor and DMA.
The second on-chip memory block is the L1 data memory of
each Blackfin core which consists of four banks of 16K bytes
each. Two of the L1 data memory banks can be configured as
one way of a two-way set-associative cache or as an SRAM. The
other two banks are configured as SRAM. All banks are accessed
at full processor speed. When configured as SRAM, each of the
four 16K banks of memory is broken into 4K sub-banks which
can be independently accessed by the processor and DMA.
The third memory block associated with each core is a 4K byte
scratchpad SRAM which runs at the same speed as the L1 mem-
ories, but is only accessible as data SRAM (it cannot be
configured as cache memory and is not accessible via DMA).
Figure 2. Blackfin Processor Core
SEQUENCER
ALIGN
DECODE
LOOP BUFFER
16
16
8
88
8
40
40
A0
A1
BARREL
SHIFTER
DATA ARITHMETIC UNIT
CONTROL
UNIT
R7.H
R6.H
R5.H
R4.H
R3.H
R2.H
R1.H
R0.H
R7.L
R6.L
R5.L
R4.L
R3.L
R2.L
R1.L
R0.L
ASTAT
40
40
32
32
32
32
32
32
32
LD0
LD1
SD
DAG0
DAG1
ADDRESS ARITHMETIC UNIT
I3
I2
I1
I0
L3
L2
L1
L0
B3
B2
B1
B0
M3
M2
M1
M0
SP
FP
P5
P4
P3
P2
P1
P0
DA1
DA0
32
32
32
PREG
RAB
32


Similar Part No. - ADSP-BF561SBBZ5002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF561SBBZ500 AD-ADSP-BF561SBBZ500 Datasheet
2Mb / 60P
   Blackfin Embedded Symmetric Multiprocessor
REV. A
ADSP-BF561SBBZ500 AD-ADSP-BF561SBBZ500 Datasheet
3Mb / 64P
   Blackfin Embedded Symmetric Multiprocessor
Rev. E
More results

Similar Description - ADSP-BF561SBBZ5002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF561SKBCZ-6V AD-ADSP-BF561SKBCZ-6V Datasheet
3Mb / 64P
   Blackfin Embedded Symmetric Multiprocessor
Rev. E
ADSP-BF561 AD-ADSP-BF561_06 Datasheet
2Mb / 60P
   Blackfin Embedded Symmetric Multiprocessor
REV. A
ADSP-BF538 AD-ADSP-BF538_07 Datasheet
2Mb / 56P
   Blackfin짰 Embedded Processor
REV. 0
ADSP-BF531 AD-ADSP-BF531_07 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF561 AD-ADSP-BF561 Datasheet
508Kb / 52P
   Blackfin Embedded Symmetric Multi-Processor
REV. C
logo
Gamewell-FCI by Honeywe...
CAB-A GAMEWELL-FCI-CAB-A Datasheet
170Kb / 4P
   MULTIPROCESSOR-BASED
logo
Analog Devices
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
logo
Vincotech
10-FZ06NBA100SG10-M305L58 VINCOTECH-10-FZ06NBA100SG10-M305L58 Datasheet
2Mb / 18P
   symmetric booster
logo
Analog Devices
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
logo
RF Micro Devices
RFSW6223 RFMD-RFSW6223 Datasheet
818Kb / 8P
   DPDT SYMMETRIC SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com