Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP126 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # TIP126
Description  Si-Epitaxial Planar Darlington Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TIP126 Datasheet(HTML) 2 Page - Diotec Semiconductor

  TIP126 Datasheet HTML 1Page - Diotec Semiconductor TIP126 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TIP125 ... TIP127
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Collector-Emitter saturation volt. – Kollektor-Emitter-Sättigungsspg. 2)
- IC = 3 A, IB = 12 mA
- IC = 5 A, IB = 20 mA
- VCEsat
- VCEsat
2 V
4 V
Base-Emitter voltage – Basis-Emitter-Spannung 2)
- IC = 3 A, - VCE = 3 V
- VBE
2.5 V
Collector-Emitter cutoff current – Kollektor-Emitter-Reststrom
- VCE = 30 V, (B open)
- VCE = 40 V, (B open)
- VCE = 50 V, (B open)
TIP125
TIP126
TIP127
- ICEO
- ICEO
- ICEO
500 nA
500 nA
500 nA
Collector-Base cutoff current – Kollektor-Basis-Reststrom
- VCB = 60 V, (E open)
- VCB = 80 V, (E open)
- VCB = 100 V, (E open)
TIP125
TIP126
TIP127
- ICBO
- ICBO
- ICBO
200 nA
200 nA
200 nA
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- V
CB = 10 V, IE = ie = 0, f = 100 kHz
C
CB0
200 pF
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 63 K/W 1)
Thermal resistance junction to case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 3 K/W
Admissible torque for mounting
Zulässiges Anzugsdrehmoment
M4
9 ± 10% lb.in.
1 ± 10% Nm
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
TIP120 ... TIP122
Equivalent Circuit – Ersatzschaltbild
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG
T
1
T
2
EB
C
T2
T1
E2
C2
B1


Similar Part No. - TIP126

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
TIP126 DGNJDZ-TIP126 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Mospec Semiconductor
TIP126 MOSPEC-TIP126 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
List of Unclassifed Man...
TIP126 ETC2-TIP126 Datasheet
403Kb / 6P
   Darlington Transistors
logo
Micro Commercial Compon...
TIP126 MCC-TIP126 Datasheet
224Kb / 2P
   Silicon PNP Darlington Power Transistors
logo
Jiangsu Changjiang Elec...
TIP126 JIANGSU-TIP126 Datasheet
555Kb / 3P
   Darlington TRANSISTOR (NPN)
More results

Similar Description - TIP126

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TIP120 DIOTEC-TIP120_07 Datasheet
110Kb / 2P
   Si-Epitaxial Planar Darlington Power Transistors
BCX38B DIOTEC-BCX38B Datasheet
108Kb / 2P
   Si-Epitaxial Planar Darlington-Transistors
logo
Panasonic Semiconductor
2SD946 PANASONIC-2SD946 Datasheet
262Kb / 6P
   SI NPN EPITAXIAL PLANAR DARLINGTON
logo
List of Unclassifed Man...
2SB750 ETC-2SB750 Datasheet
58Kb / 1P
   Si PNP Epitaxial Planar Darlington
logo
Panasonic Semiconductor
2SC1547 PANASONIC-2SC1547 Datasheet
235Kb / 6P
   2SB970 Si PNP EPITAXIAL PLANAR / 2SB977 2SB977A Si PNP EPITAXIAL PLANAR DARLINGTON / 2SC1547 Si NPN PLANAR
logo
Diotec Semiconductor
PN2907 DIOTEC-PN2907 Datasheet
96Kb / 2P
   Si-Epitaxial Planar Switching Transistors
2N3904 DIOTEC-2N3904 Datasheet
96Kb / 2P
   Si-Epitaxial-Planar Switching Transistors
2N3906 DIOTEC-2N3906 Datasheet
103Kb / 2P
   Si-Epitaxial-Planar Switching Transistors
logo
Continental Device Indi...
MPSA13 CDIL-MPSA13 Datasheet
298Kb / 3P
   NPN EPITAXIAL PLANAR DARLINGTON TRANSISTORS
logo
TRANSYS Electronics Lim...
MPSA13 TEL-MPSA13 Datasheet
86Kb / 2P
   NPN EPITAXIAL PLANAR DARLINGTON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com