Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH3100 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SH3100
Description  Supervisory IC with I2C Interface and PWM
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3100 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SH3100 Datasheet HTML 7Page - Semtech Corporation SH3100 Datasheet HTML 8Page - Semtech Corporation SH3100 Datasheet HTML 9Page - Semtech Corporation SH3100 Datasheet HTML 10Page - Semtech Corporation SH3100 Datasheet HTML 11Page - Semtech Corporation SH3100 Datasheet HTML 12Page - Semtech Corporation SH3100 Datasheet HTML 13Page - Semtech Corporation SH3100 Datasheet HTML 14Page - Semtech Corporation SH3100 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
SH3100
POWER MANAGEMENT
11
© 2006 Semtech Corp.
www.semtech.com
Operating Modes
Mode
LDO
Switching
Regulator
Fan
Control
Reset
Duration
Notes
1
NO
NO
NO
YES
Standard operating mode. PWM pin may be used as general-
purpose PWM/PDM output. INT defaults to high impedance
and may then be programmed by I2C access to define an
Interrupt function or GPIO as required. Start-up frequency is
determined by configuration fuse setting
2
YES
NO
NO
NO
LDO is enabled on PWM pin with default output voltage
between 3V and 4.5V as set by fuses. Setting may then be
overridden by I2C access
3
NO
NO
YES
NO
Automatic fan control is enabled with SNSE input used to
detect fan rotation and PWM pin used for fan drive
4
NO
YES
NO
NO
Bootstrap boost regulation from an external supply to VDD
with internal switching FET and transfer diode on PWM pin.
Regulator feedback is determined by the internal VDD divider.
The PWM pin is active low during the inductor energize period
and floating during the transfer period (to allow current to flow
from PWM to VDD through the internal diode). During power
up, the PWM pad is clamped to VDD to ensure that the chip
can start up with an input battery supply as low as 1.8V.
Conversion efficiency is very low due to the relatively high
internal switching FET and diode impedances, so this mode is
recommended only for powering the SH3100 alone and where
energy efficiency is not important
5
NO
YES
NO
NO
Bootstrap boost regulation from an external supply to VDD
with external switching FET and transfer diode. Regulator
feedback is determined by the internal VDD divider. This is
suitable for heavier load requirements and is limited by the
capabilities of the external components. The PWM pin drives
an external NMOS or NPN switching the inductor to GND, and
is High during the inductor energize period and Low during the
transfer period (to allow current to flow through the external
diode)
6
NO
YES
NO
NO
Normal boost regulation from VDD to a separate supply
with external switching FET and transfer diode. Regulator
feedback is input on the SNSE pin. The PWM pin drives an
external NMOS or NPN switching the inductor to GND, and is
High during the inductor energize period and Low during the
transfer period
The SH3100 is fuse programmed to a default power-up operating mode from a number of possible options. Once
the device has been initialized, it is possible to use the I2C interface to change between any of the following available
modes.
Note: The Reset Duration column refers to the option to select Low, Medium or fuse set reset durations by the tristate
input SNSE pin. If this option is not available then the reset duration defaults to the fuse setting.


Similar Part No. - SH3100

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SH310BF BILIN-SH310BF Datasheet
444Kb / 4P
   Schottky Barrier Rectifiers
More results

Similar Description - SH3100

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
INF8577N INTEGRAL-INF8577N Datasheet
251Kb / 9P
   LCD CONTROL IC WITH I2C INTERFACE
logo
STMicroelectronics
LNBH23LQTR STMICROELECTRONICS-LNBH23LQTR Datasheet
483Kb / 25P
   LNB supply and control IC with step-up and I2C interface
LNBH25LPQR STMICROELECTRONICS-LNBH25LPQR Datasheet
909Kb / 28P
   LNB supply and control IC with step-up and I2C interface
LNBH24 STMICROELECTRONICS-LNBH24 Datasheet
446Kb / 30P
   Dual LNB supply and control IC with step-up and I2C interface
LNBH21 STMICROELECTRONICS-LNBH21 Datasheet
493Kb / 20P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBS21 STMICROELECTRONICS-LNBS21_04 Datasheet
695Kb / 21P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBP21 STMICROELECTRONICS-LNBP21_04 Datasheet
760Kb / 24P
   LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBH26S STMICROELECTRONICS-LNBH26S Datasheet
803Kb / 35P
   Dual LNBS supply and control I2C with step-up and IC interface
June 2018 Rev 5
LNBP21 STMICROELECTRONICS-LNBP21 Datasheet
693Kb / 20P
   LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
October 2002
LNBS21 STMICROELECTRONICS-LNBS21 Datasheet
637Kb / 19P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
November 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com