Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV9906P Datasheet(PDF) 10 Page - Supertex, Inc

Part # HV9906P
Description  Simple Off-Line/PFC & >9V DC/DC Switcher
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9906P Datasheet(HTML) 10 Page - Supertex, Inc

Back Button HV9906P Datasheet HTML 3Page - Supertex, Inc HV9906P Datasheet HTML 4Page - Supertex, Inc HV9906P Datasheet HTML 5Page - Supertex, Inc HV9906P Datasheet HTML 6Page - Supertex, Inc HV9906P Datasheet HTML 7Page - Supertex, Inc HV9906P Datasheet HTML 8Page - Supertex, Inc HV9906P Datasheet HTML 9Page - Supertex, Inc HV9906P Datasheet HTML 10Page - Supertex, Inc HV9906P Datasheet HTML 11Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
9/20/2004
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 222-8888 FAX: (408) 222-4895 www.supertex.com
HV9906
Application Information - continued
Non-isolated Power Factor Corrected Constant Current LED Lamp Power Supply
D1
BYV26C
R3
0.47
R6 100K
D6
4.7V
E1
C1
0.1
L2
470uH
R5
9.53K
D8
1N4148
F1
1A
U1
L1
120uH
D2
BYV26C
E2
D7
33V
OUT
C6
15uF,16V
D3
BYV28-200
R8
32.4K
Q1
RTN
R7
100K
R9
10
M1
STP8NM60
C3
100uF
C4
0.1
R4
1.8M
1
3
2
4
5
7
8
HV9906
6
LED
PN2907
B1
ARRAY
D4
BYV26C
1.0
C5
0.01
C10
C11
0.01
DN2540
M2
226K
R11
C14
0.1
R10
16K
DIM
GND
200V
0.01
C12
This power factor corrected circuit provides a constant non-isolated
current output to power LED lamps. It is intended to meet the
following specifications:
Input Voltage
80VAC to 135VAC
LED String Forward Voltage
30V max.
Power Factor
>0.95
THD
>15%
Output Current
700mA
Output Power
20W


Similar Part No. - HV9906P

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906P SUTEX-HV9906P Datasheet
445Kb / 10P
   Simple Off-Line/PFC & >9V DC/DC Switcher
More results

Similar Description - HV9906P

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906 SUTEX-HV9906 Datasheet
445Kb / 10P
   Simple Off-Line/PFC & >9V DC/DC Switcher
logo
List of Unclassifed Man...
2VP5U9 ETC1-2VP5U9 Datasheet
481Kb / 6P
   DC/DC CONVERTERS - 9V OUTPUT
logo
ON Semiconductor
NCP1075A ONSEMI-NCP1075A Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
logo
Sanken electric
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
   Off-Line DC / DC LED Driver ICs
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Simple Switcher
logo
Supertex, Inc
HV9906DB3 SUTEX-HV9906DB3 Datasheet
200Kb / 3P
   Off-Line PFC Current Source Controller
logo
Linear Technology
LT1246 LINER-LT1246_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1246 LINER-LT1246 Datasheet
290Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com