Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV9906 Datasheet(PDF) 11 Page - Supertex, Inc

Part # HV9906
Description  Simple Off-Line/PFC & >9V DC/DC Switcher
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9906 Datasheet(HTML) 11 Page - Supertex, Inc

Back Button HV9906 Datasheet HTML 3Page - Supertex, Inc HV9906 Datasheet HTML 4Page - Supertex, Inc HV9906 Datasheet HTML 5Page - Supertex, Inc HV9906 Datasheet HTML 6Page - Supertex, Inc HV9906 Datasheet HTML 7Page - Supertex, Inc HV9906 Datasheet HTML 8Page - Supertex, Inc HV9906 Datasheet HTML 9Page - Supertex, Inc HV9906 Datasheet HTML 10Page - Supertex, Inc HV9906 Datasheet HTML 11Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
9/20/2004
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 222-8888 FAX: (408) 222-4895 www.supertex.com
HV9906
Application Information - continued
Isolated Power Factor Corrected Constant Current LED Lamp Power Supply
R9
100
T2
7
E2
B1
3
DIM
D3
BYV26
5
C1
0.1u
Q1
U1
HV9906
.
C10
1u
C2
0.1u
.
R3
30
R2
360K
T1
2
6
4
1
3
5
R11
16k
6
8
.
D8
1N4148
D6
12V
R6 100K
C4
0.1u
D7
1N4148
C3
33u
R3
12.4K
C9
0.01u
F1
1A
M1
7N60S5
.
1
C6
15u
R7
49.9K
L1
176uH
E1
.
OUT
R10
49.9K
C5
1u
C7
0.01u
462uH
R1
1.8M
R8
32.4K
D1
BYV26
12uH
R5
500
MMBT2907
D2
BYV28
D4
200V
29uH
R4
10
C8
0.01u
4
GND
D5
1N4148
D9
15V
2
AGND
This power factor corrected circuit provides a constant isolated
current output to power LED lamps. It is intended to meet the
following specifications:
Input Voltage
80VAC to 135VAC
LED String Forward Voltage
21-23V
Power Factor
>0.95
THD
<20%
Output Current
750mA
Output Power
17W


Similar Part No. - HV9906

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906 SUTEX-HV9906 Datasheet
445Kb / 10P
   Simple Off-Line/PFC & >9V DC/DC Switcher
HV9906DB2 SUTEX-HV9906DB2 Datasheet
287Kb / 4P
   Off-Line Current Source Controller
HV9906DB3 SUTEX-HV9906DB3 Datasheet
200Kb / 3P
   Off-Line PFC Current Source Controller
HV9906DB4 SUTEX-HV9906DB4 Datasheet
218Kb / 3P
   Off-Line Current Source Controller
HV9906LG SUTEX-HV9906LG Datasheet
445Kb / 10P
   Simple Off-Line/PFC & >9V DC/DC Switcher
More results

Similar Description - HV9906

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906 SUTEX-HV9906 Datasheet
445Kb / 10P
   Simple Off-Line/PFC & >9V DC/DC Switcher
logo
List of Unclassifed Man...
2VP5U9 ETC1-2VP5U9 Datasheet
481Kb / 6P
   DC/DC CONVERTERS - 9V OUTPUT
logo
ON Semiconductor
NCP1075A ONSEMI-NCP1075A Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
logo
Sanken electric
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
   Off-Line DC / DC LED Driver ICs
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Simple Switcher
logo
Supertex, Inc
HV9906DB3 SUTEX-HV9906DB3 Datasheet
200Kb / 3P
   Off-Line PFC Current Source Controller
logo
Linear Technology
LT1246 LINER-LT1246_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1246 LINER-LT1246 Datasheet
290Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com