Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMY6.8G Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # ZMY6.8G
Description  Surface Mount Silicon-Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZMY6.8G Datasheet(HTML) 1 Page - Diotec Semiconductor

  ZMY6.8G Datasheet HTML 1Page - Diotec Semiconductor ZMY6.8G Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZMY3.0G ... ZMY9.1G (1.0 W), ZMY1, ZMY10 ... ZMY200 (1.3 W)
ZMY3.0G ... ZMY9.1G (1.0 W),
ZMY1, ZMY10 ... ZMY200 (1.3 W)
Surface Mount Silicon-Zener Diodes
Si-Zener-Dioden für die Oberflächenmontage
Version 2006-04-27
ZMY...G planar
ZMY... non-planar
Dimensions - Masse [mm]
ZMY3.0G ... ZMY9.1G
Nominal Z-voltage – Nominale Z-Spannung
3.0...9.1 V
Glass case – Glasgehäuse MELF
DO-213AB
ZMY1, ZMY10 ... ZMY200
Nominal Z-voltage – Nominale Z-Spannung
10...200 V
Plastic case – Kunststoffgehäuse MELF
DO-213AB
Weight approx. – Gewicht ca.
0.12 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Standard Zener voltage tolerance is graded to the international E 24 (~ ±5%) standard.
Other voltage tolerances and higher Zener voltages on request.
Die Toleranz der Zener-Spannung ist in der Standard-Ausführung gestuft nach der internationalen
Reihe E 24 (~ ±5%). Andere Toleranzen oder höhere Arbeitsspannungen auf Anfrage.
Maximum ratings and Characteristics
Grenz- und Kennwerte
ZMY3.0G ... ZMY9.1G
Power dissipation – Verlustleistung
TA = 50°C
Ptot
1.0 W 1)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
TJ
TS
-50...+175°C
-50...+175°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 150 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
< 70 K/W
ZMY1, ZMY10 ... ZMY200
Power dissipation – Verlustleistung
TA = 50°C
Ptot
1.3 W 1)
Non repetitive peak power dissipation, t < 10 ms
Einmalige Impuls-Verlustleistung, t < 10 ms
TA = 25°C
PZSM
40 W
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
TJ
TS
-50...+150°C
-50...+175°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 45 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
< 10 K/W
23
1
Mounted on P.C. board with 50 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Tested with pulses – Gemessen mit Impulsen
3
The ZMY1 is a diode operated in forward mode. Hence, the index of all parameters should be “F” instead of “Z”.
© Diotec Semiconductor AG
http://www.diotec.com/
1


Similar Part No. - ZMY6.8G

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMY6.8G DIOTEC-ZMY6.8G Datasheet
56Kb / 2P
   Surface mount Silicon-Zener Diodes (planar technology)
ZMY6.8G DIOTEC-ZMY6.8G Datasheet
178Kb / 3P
   Surface Mount Silicon-Zener Diodes
ZMY6.8G DIOTEC-ZMY6.8G Datasheet
174Kb / 3P
   Surface Mount Silicon-Zener Diodes
ZMY6.8G DIOTEC-ZMY6.8G Datasheet
213Kb / 3P
   SMD Zener Diodes
logo
Micro Commercial Compon...
ZMY6.8G MCC-ZMY6.8G Datasheet
128Kb / 3P
   Silicon 1.0 Watt Zener Diodes
More results

Similar Description - ZMY6.8G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com