Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV5530PJ Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV5530PJ
Description  32-Channel Serial To Parallel Converter With Open Drain Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5530PJ Datasheet(HTML) 3 Page - Supertex, Inc

  HV5530PJ Datasheet HTML 1Page - Supertex, Inc HV5530PJ Datasheet HTML 2Page - Supertex, Inc HV5530PJ Datasheet HTML 3Page - Supertex, Inc HV5530PJ Datasheet HTML 4Page - Supertex, Inc HV5530PJ Datasheet HTML 5Page - Supertex, Inc HV5530PJ Datasheet HTML 6Page - Supertex, Inc HV5530PJ Datasheet HTML 7Page - Supertex, Inc HV5530PJ Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
HV5522/HV5530/HV5622/HV5630
Latch Enable
HVOUT
w/ S/R HIGH
Data Valid
50%
50%
Data Input
Clock
Data Out
50%
50%
50%
tSU
tH
tWH
tWL
50%
50%
tDLH
tDHL
50%
tWLE
tDLE
tSLE
50%
50%
10%
tON
VIH
VIL
VIH
VIL
VOH
VOL
VOH
VOL
VIH
VIL
VOH
VOL
Input and Output Equivalent Circuits
Switching Waveforms
VDD
Input
HVOUT
Logic Inputs
Data Out
Logic Data Output
High Voltage Outputs
VDD
HVIN
VSS
VSS
VSS


Similar Part No. - HV5530PJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5530PJ SUTEX-HV5530PJ Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-GM903 SUTEX-HV5530PJ-GM903 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
More results

Similar Description - HV5530PJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5630 SUTEX-HV5630_13 Datasheet
627Kb / 6P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com