Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV6810WG-G Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV6810WG-G
Description  10-Channel Serial-Input Latched Display Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV6810WG-G Datasheet(HTML) 6 Page - Supertex, Inc

  HV6810WG-G Datasheet HTML 1Page - Supertex, Inc HV6810WG-G Datasheet HTML 2Page - Supertex, Inc HV6810WG-G Datasheet HTML 3Page - Supertex, Inc HV6810WG-G Datasheet HTML 4Page - Supertex, Inc HV6810WG-G Datasheet HTML 5Page - Supertex, Inc HV6810WG-G Datasheet HTML 6Page - Supertex, Inc HV6810WG-G Datasheet HTML 7Page - Supertex, Inc HV6810WG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HV6810
HV6810 20-Lead SOW (WG)
Pin
Function
1Q8
High voltage output.
2Q7
3Q6
4
CLOCK
Input data are shifted into the data shift register on the thepostive edge of the clock.
5
VSS
Usually V
SS = 0, ground connection.
6
N/C
No connection.
7
VDD
Low voltage power supply.
8
LE (STROBE)
When LE is high, data is transferred from data shift register to the Q output latch.
When LE is low, data is latched into data latches and new data can be clocked into
the shift register
9Q5
High voltage output.
10
Q4
11
Q3
12
Q2
13
Q1
14
BLANKING
When blanking is low, all Q’s are forced to a high state, regardless of data in each
channel. When OL is low, all Q’s are forced to a low state, regardless of data in each
channel.
15
DATA IN
Input data for the input shift register.
16
VBB
High voltage power supply.
17
SERIAL DATA OUT
Output data from the shift register.
18
N/C
No connection.
19
Q10
High voltage output.
20
Q9
Pin Descriptions


Similar Part No. - HV6810WG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV6810WG-G SUTEX-HV6810WG-G Datasheet
902Kb / 9P
   10-Channel, Serial-Input Latched Display Driver
logo
Microchip Technology
HV6810WG-G MICROCHIP-HV6810WG-G Datasheet
485Kb / 14P
   10-Channel Serial-Input Latched Display Driver
06/23/16
More results

Similar Description - HV6810WG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV6810 SUTEX-HV6810 Datasheet
33Kb / 5P
   10-Channel Serial-Input Latched Display Driver
logo
Microchip Technology
HV6810 MICROCHIP-HV6810 Datasheet
485Kb / 14P
   10-Channel Serial-Input Latched Display Driver
06/23/16
logo
Supertex, Inc
HV6810 SUTEX-HV6810_13 Datasheet
902Kb / 9P
   10-Channel, Serial-Input Latched Display Driver
logo
Allegro MicroSystems
A6810SLWTR-T ALLEGRO-A6810SLWTR-T Datasheet
337Kb / 9P
   10-Bit Serial Input Latched Source Driver
A6810ELW-T ALLEGRO-A6810ELW-T Datasheet
337Kb / 9P
   10-Bit Serial Input Latched Source Driver
A6810SLW-T ALLEGRO-A6810SLW-T Datasheet
337Kb / 9P
   10-Bit Serial Input Latched Source Driver
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC5891 MICREL-MIC5891 Datasheet
55Kb / 4P
   8-Bit Serial-Input Latched Source Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com