Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV2116X Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV2116X
Description  8-Channel High Voltage Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2116X Datasheet(HTML) 9 Page - Supertex, Inc

  HV2116X Datasheet HTML 1Page - Supertex, Inc HV2116X Datasheet HTML 2Page - Supertex, Inc HV2116X Datasheet HTML 3Page - Supertex, Inc HV2116X Datasheet HTML 4Page - Supertex, Inc HV2116X Datasheet HTML 5Page - Supertex, Inc HV2116X Datasheet HTML 6Page - Supertex, Inc HV2116X Datasheet HTML 7Page - Supertex, Inc HV2116X Datasheet HTML 8Page - Supertex, Inc HV2116X Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
13-65
13
13
HV2116
Pin Configurations
Package Outlines
28-Pin J-Lead
Pin
Function
Pin
Function
1
SW3
15
N/C
2
SW3
16
DIN
3
SW2
17
CLK
4
SW2
18
LE
5
N/C
19
DOUT
6
N/C
20
SW7
7
SW1
21
SW7
8
SW1
22
SW6
9
SW0
23
SW6
10
SW0
24
N/C
11
VPP
25
SW5
12
VNN
26
SW5
13
GND
27
SW4
14
VDD
28
SW4
4
26
25
19
top view
28-pin J-Lead Package
27
28
1
2
3
24
23
22
21
20
12
18
17
16
15
14
13
5
11
6789
10
– OBSOLETE


Similar Part No. - HV2116X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV214 SUTEX-HV214 Datasheet
61Kb / 7P
   250V Low Charge Injection 8-Channel High Voltage Analog Switch
HV214 SUTEX-HV214 Datasheet
792Kb / 9P
   250V Low Charge Injection 8-Channel High Voltage Analog Switch
HV214FG SUTEX-HV214FG Datasheet
61Kb / 7P
   250V Low Charge Injection 8-Channel High Voltage Analog Switch
HV214FG SUTEX-HV214FG Datasheet
792Kb / 9P
   250V Low Charge Injection 8-Channel High Voltage Analog Switch
HV214FG-G SUTEX-HV214FG-G Datasheet
792Kb / 9P
   250V Low Charge Injection 8-Channel High Voltage Analog Switch
More results

Similar Description - HV2116X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USH5008 ETC-USH5008 Datasheet
3Mb / 4P
   HIGH VOLTAGE 8 CHANNEL ANALOG SWITCH
USH5010 ETC1-USH5010 Datasheet
6Mb / 8P
   HIGH VOLTAGE 8-CHANNEL ANALOG SWITCH
logo
Supertex, Inc
HV1816 SUTEX-HV1816 Datasheet
34Kb / 6P
   8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com