Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2612E Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2612E
Description  500kHz Step-Down DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2612E Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2612E Datasheet HTML 3Page - Semtech Corporation SC2612E Datasheet HTML 4Page - Semtech Corporation SC2612E Datasheet HTML 5Page - Semtech Corporation SC2612E Datasheet HTML 6Page - Semtech Corporation SC2612E Datasheet HTML 7Page - Semtech Corporation SC2612E Datasheet HTML 8Page - Semtech Corporation SC2612E Datasheet HTML 9Page - Semtech Corporation SC2612E Datasheet HTML 10Page - Semtech Corporation SC2612E Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2612E
Having plotted the line ABCD, and confirmed the type of
compensation necessary, compensation component val-
ues can be determined.
At Fco, the line ABCD shows a gain of -27.5dB and a slope
of -20dB/decade. In order for the total open loop gain to
be 0dB with a -20dB/decade slope at this frequency, the
compensated error amp gain at Fco must be +27.5dB
with a 0dB slope. This is the line FG on the plot below.
Since open loop DC gain should be as high as possible to
minimize errors, a zero is placed at F and to minimize
high frequency gain and switching interference a pole is
placed at G.
The zero at F should be no higher than Fco/4 and the
pole at G no lower than 4*Fco. The equations to set the
gain and the pole and zero locations are:
dB)
(in
Fco
at
gain
A
where
gm
Rs
A
=
=
20
10
Rs
Fz
Cs
×
×
p
=
1
2
1
Rs
Fp
Cp
×
×
p
=
1
2
1
For this example, this results in the following values.
W
»
W
=
=
k
k
.
.
Rs
.
30
6
29
8
0
10 20
5
27
nF
.
Cs
22
0
10
30
10
25
6
1
3
3
=
×
×
×
×
»
)
rolloff
EA
to
due
y
(unecessar
pF
Cp
14
10
30
10
400
6
1
3
3
=
×
×
×
×
»
Fco
Fz(esr)
Fp(lc)
-60
-40
-20
0
20
40
60
80
100
100.0E+0
1.0E+3
10.0E+3
100.0E+3
1.0E+6
Frequency (Hz)
A
B
C
D
E
F
G
H
Fp1
Fz1
Filter+modulator
+divider gain
Compensated
Error Amp gain
Total open
loop gain
Fig2: Type 2 Error Amplifier Compensation


Similar Part No. - SC2612E

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2612 SEMTECH-SC2612 Datasheet
453Kb / 12P
   600kHz/200kHz Step-Down DC/DC Converter
SC2612A SEMTECH-SC2612A Datasheet
453Kb / 12P
   600kHz/200kHz Step-Down DC/DC Converter
SC2612AMSTR SEMTECH-SC2612AMSTR Datasheet
453Kb / 12P
   600kHz/200kHz Step-Down DC/DC Converter
SC2612AMSTRT SEMTECH-SC2612AMSTRT Datasheet
453Kb / 12P
   600kHz/200kHz Step-Down DC/DC Converter
SC2612C SEMTECH-SC2612C Datasheet
453Kb / 12P
   600kHz/200kHz Step-Down DC/DC Converter
More results

Similar Description - SC2612E

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
   2A 18V 500kHz synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7263C ACE-ACE7263C Datasheet
1Mb / 10P
   27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
logo
ELM Technology Corporat...
ELM614BA ELM-TECH-ELM614BA Datasheet
1Mb / 8P
   2A, 18V, 500kHz, synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7222 AITSEMI-A7222 Datasheet
1Mb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 18V, 2A SYNCHRONOUS
REV1.1
A7322 AITSEMI-A7322 Datasheet
776Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 28V, 2A, 500kHZ SYNCHRONOUS
REV1.1 - MAY 2020
A7231A AITSEMI-A7231A Datasheet
893Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 3A, 16V SYNCHRONOUS
REV1.0
A7425 AITSEMI-A7425 Datasheet
1Mb / 18P
   DC-DC CONVERTER BUCK (STEP-DOWN) 40V, 2.5A, 500kHz SYNCHRONOUS
REV1.1 - MAR 2019
A7332 AITSEMI-A7332 Datasheet
658Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 28V, 3A, 500kHz, SYNCHRONOUS
REV1.1 - DEC 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com