Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2612E Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2612E
Description  500kHz Step-Down DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2612E Datasheet(HTML) 5 Page - Semtech Corporation

  SC2612E Datasheet HTML 1Page - Semtech Corporation SC2612E Datasheet HTML 2Page - Semtech Corporation SC2612E Datasheet HTML 3Page - Semtech Corporation SC2612E Datasheet HTML 4Page - Semtech Corporation SC2612E Datasheet HTML 5Page - Semtech Corporation SC2612E Datasheet HTML 6Page - Semtech Corporation SC2612E Datasheet HTML 7Page - Semtech Corporation SC2612E Datasheet HTML 8Page - Semtech Corporation SC2612E Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2612E
Theory of Operation
The SC2612E is a step down DC/DC controller designed
for minimum cost and size without sacrificing accuracy
and protection. Overcurrent protection is implemented
by a simple undervoltage detection scheme and is dis-
abled until soft start has been completed to eliminate
false trips due to output capacitor charging. The SS/EN
pin is held low, as are the DH and DL pins, until the
undervoltage lockout points are exceeded. Once the VCC
and BST pins both rise above their undervoltage lockout
points, the SS capacitor begins to charge, controlling the
duty cycle of the switcher, and therefore slowly ramping
up the switcher output voltage. Once the SS capacitor is
charged, the current limit circuitry is enabled. If a short
circuit is applied , the output will be pulled down below
it’s trip point and shut down. The device may be restarted
by either cycling power, or momentarily pulling SS/EN low.
Component Selection
OUTPUT INDUCTOR
OUTPUT INDUCTOR
OUTPUT INDUCTOR
OUTPUT INDUCTOR
OUTPUT INDUCTOR - A good starting point for output
filter component selection is to choose an inductor value
that will give an inductor ripple current of approximately
20% of max. output current.
Inductor ripple current is given by:-
OSC
IN
O
O
RIPPLE
L
f
L
V
V
V
I
×
÷÷ø
ö
ççè
æ
-
×
=
1
So choose inductor value from:-
OSC
O
IN
O
O
f
I
V
V
V
L
×
÷÷ø
ö
ççè
æ
-
×
×
=
1
5
OUTPUT CAP
OUTPUT CAP
OUTPUT CAP
OUTPUT CAP
OUTPUT CAPAAAAACIT
CIT
CIT
CIT
CITOR(S)
OR(S)
OR(S)
OR(S)
OR(S) - The output capacitors should
be selected to meet output ripple and transient response
criteria. Output ripple voltage is caused by the inductor
ripple current flowing in the output capacitor’s ESR (There
is also a component due to the inductor ripple current
charging and discharging the output capacitor itself, but
this component is usually small and can often be ignored).
Given a maximum output voltage ripple requirement, ESR
is given by:-
OSC
IN
O
RIPPLE
O
ESR
f
L
V
V
V
V
R
×
÷÷ø
ö
ççè
æ
-
×
×
<
1
Output voltage transient excursions are a function of load
current transient levels, input and output voltages and
inductor and capacitor values.
Capacitance and R
ESR values to meet a required tran-
sient condition can be calculated from:-
release)
(load
transients
positive
for
V
V
and
n)
applicatio
(load
transients
negative
for
V
V
V
where
V
V
I
L
C
I
V
R
O
A
O
IN
A
A
T
T
T
T
ESR
=
-
=
×
×
×
>
<
2
2
values for positive and negative transients must be cal-
culated seperately and the worst case value chosen. For
Capacitor values, the calculated value should be doubled
to allow for duty cycle limitation and voltage drop issues.


Similar Part No. - SC2612E

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2612 SEMTECH-SC2612 Datasheet
453Kb / 12P
   600kHz/200kHz Step-Down DC/DC Converter
SC2612A SEMTECH-SC2612A Datasheet
453Kb / 12P
   600kHz/200kHz Step-Down DC/DC Converter
SC2612AMSTR SEMTECH-SC2612AMSTR Datasheet
453Kb / 12P
   600kHz/200kHz Step-Down DC/DC Converter
SC2612AMSTRT SEMTECH-SC2612AMSTRT Datasheet
453Kb / 12P
   600kHz/200kHz Step-Down DC/DC Converter
SC2612C SEMTECH-SC2612C Datasheet
453Kb / 12P
   600kHz/200kHz Step-Down DC/DC Converter
More results

Similar Description - SC2612E

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
   2A 18V 500kHz synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7263C ACE-ACE7263C Datasheet
1Mb / 10P
   27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
logo
ELM Technology Corporat...
ELM614BA ELM-TECH-ELM614BA Datasheet
1Mb / 8P
   2A, 18V, 500kHz, synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7222 AITSEMI-A7222 Datasheet
1Mb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 18V, 2A SYNCHRONOUS
REV1.1
A7322 AITSEMI-A7322 Datasheet
776Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 28V, 2A, 500kHZ SYNCHRONOUS
REV1.1 - MAY 2020
A7231A AITSEMI-A7231A Datasheet
893Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 3A, 16V SYNCHRONOUS
REV1.0
A7425 AITSEMI-A7425 Datasheet
1Mb / 18P
   DC-DC CONVERTER BUCK (STEP-DOWN) 40V, 2.5A, 500kHz SYNCHRONOUS
REV1.1 - MAR 2019
A7332 AITSEMI-A7332 Datasheet
658Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 28V, 3A, 500kHz, SYNCHRONOUS
REV1.1 - DEC 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com