Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9245BCPZ-402 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9245BCPZ-402
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9245BCPZ-402 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9245BCPZ-402 Datasheet HTML 4Page - Analog Devices AD9245BCPZ-402 Datasheet HTML 5Page - Analog Devices AD9245BCPZ-402 Datasheet HTML 6Page - Analog Devices AD9245BCPZ-402 Datasheet HTML 7Page - Analog Devices AD9245BCPZ-402 Datasheet HTML 8Page - Analog Devices AD9245BCPZ-402 Datasheet HTML 9Page - Analog Devices AD9245BCPZ-402 Datasheet HTML 10Page - Analog Devices AD9245BCPZ-402 Datasheet HTML 11Page - Analog Devices AD9245BCPZ-402 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD9245
Rev. D | Page 8 of 32
SWITCHING SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, unless otherwise noted.
Table 6.
AD9245BCP-20
AD9245BCP-40
AD9245BCP-65
AD9245BCP-80
Unit
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
CLOCK INPUT PARAMETERS
Maximum Conversion Rate
20
40
65
80
MSPS
Minimum Conversion Rate
1
1
1
1
MSPS
CLK Period
50.0
25.0
15.4
12.5
ns
CLK Pulse Width High1
15.0
8.8
6.2
4.6
ns
CLK Pulse Width Low1
15.0
8.8
6.2
4.6
ns
DATA OUTPUT PARAMETERS
Output Delay2 (tPD)
3.5
3.5
3.5
4.2
ns
Pipeline Delay (Latency)
7
7
7
7
Cycles
Aperture Delay (tA)
1.0
1.0
1.0
1.0
ns
Aperture Uncertainty Jitter (tJ)
0.5
0.5
0.5
0.3
ps rms
Wake-Up Time3
3.0
3.0
3.0
7.0
ms
OUT-OF-RANGE RECOVERY TIME
1
1
2
2
Cycles
1 For the AD9245BCP-65 and AD9245BCP-80 models only, with duty cycle stabilizer enabled. DCS function not applicable for AD9245BCP-20 and AD9245BCP-40
models.
2 Output delay is measured from CLK 50% transition to DATA 50% transition, with 5 pF load on each output.
3 Wake-up time is dependent on value of decoupling capacitors; typical values shown with 0.1 μF and 10 μF capacitors on REFT and REFB.
tA
2.0ns MIN
tPD = 6.0ns MAX
N–9
N–8N–7N–6
N–5N–4
N–3N–2
N–1
N
ANALOG
INPUT
CLK
DATA
OUT
N–1
N
N+1
N+2
N+3
N+4
N+5
N+6
N+7
N+8
Figure 2. Timing Diagram


Similar Part No. - AD9245BCPZ-402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9245BCP-20EB AD-AD9245BCP-20EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9245BCP-40EB AD-AD9245BCP-40EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9245BCP-65EB AD-AD9245BCP-65EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9245BCP-80EB AD-AD9245BCP-80EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9245BCPZ-402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com