Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV857LMG-G Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV857LMG-G
Description  Low Noise, High Voltage EL Lamp Driver IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV857LMG-G Datasheet(HTML) 7 Page - Supertex, Inc

  HV857LMG-G Datasheet HTML 1Page - Supertex, Inc HV857LMG-G Datasheet HTML 2Page - Supertex, Inc HV857LMG-G Datasheet HTML 3Page - Supertex, Inc HV857LMG-G Datasheet HTML 4Page - Supertex, Inc HV857LMG-G Datasheet HTML 5Page - Supertex, Inc HV857LMG-G Datasheet HTML 6Page - Supertex, Inc HV857LMG-G Datasheet HTML 7Page - Supertex, Inc HV857LMG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HV857L
8-Lead DFN Package Outline (K7)
3x3mm body, 0.80mm height (max), 0.65mm pitch
Symbol
A
A1
A3
b
D
D2
E
E2
e
L
L1
θ
Dimension
(mm)
MIN
0.70
0.00
0.20
REF
0.25
2.85
1.60
2.85
1.35
0.65
BSC
0.30
-
0O
NOM
0.75
0.02
0.30
3.00
-
3.00
-
0.40
-
-
MAX
0.80
0.05
0.35
3.15
2.50
3.15
1.75
0.50
0.15
14O
JEDEC Registration MO-229, Variation WEEC-2, Issue C, Aug. 2003.
Drawings not to scale
Seating
Plane
θ
Top View
Side View
Bottom View
A
A1
D
E
D2
e
b
E2
A3
L
L1
View B
View B
Note 1
(Index Area
D/2 x E/2)
Note 3
Note 2
Note 1
(Index Area
D/2 x E/2)
1
1
8
8
Notes:
Details of Pin 1 identifier are optional, but must be located within the indicated area. The Pin 1 identifier may be either a mold, or an embedded metal
or marked feature.
Depending on the method of manufacturing, a maximum of 0.15mm pullback (L1) may be present.
The inner tip of the lead may be either rounded or square.
1.
2.
3.


Similar Part No. - HV857LMG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857LMG-G SUTEX-HV857LMG-G Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
More results

Similar Description - HV857LMG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_13 Datasheet
931Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
   High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
   High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_07 Datasheet
502Kb / 5P
   High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
   High Voltage EL Lamp Driver IC
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com