Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV857L Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV857L
Description  Low Noise, High Voltage EL Lamp Driver IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV857L Datasheet(HTML) 4 Page - Supertex, Inc

  HV857L Datasheet HTML 1Page - Supertex, Inc HV857L Datasheet HTML 2Page - Supertex, Inc HV857L Datasheet HTML 3Page - Supertex, Inc HV857L Datasheet HTML 4Page - Supertex, Inc HV857L Datasheet HTML 5Page - Supertex, Inc HV857L Datasheet HTML 6Page - Supertex, Inc HV857L Datasheet HTML 7Page - Supertex, Inc HV857L Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
HV857L
Typical Performance
Device
Lamp Size
V
DD = VIN
I
IN
V
CS
f
EL
Brightness
HV857LMG-G
3.0in2
3.3V
25.40mA
92V
205Hz
5.70ft-lm
Typical Performance Curves for Figure 1 (EL Lamp = 3.0in2, V
DD = 3.0V)
VCS vs VIN
55
65
75
85
95
105
1.5
2.5
3.5
4.5
5.5
Vin (V)
IIN vs VIN
13
18
23
28
33
1.5
2.5
3.5
4.5
5.5
VIN (V)
Brightness vs VIN
1
2
3
4
5
6
7
VIN (V)
IIN vs VCS
14
19
24
29
34
55
65
75
85
95
105
VCS (V)
1.5
2.5
3.5
4.5
5.5
Typical Waveform on V
A, VB and Differential Waveform VA - VB


Similar Part No. - HV857L

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857LK7-G SUTEX-HV857LK7-G Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857LMG-G SUTEX-HV857LMG-G Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
More results

Similar Description - HV857L

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_13 Datasheet
931Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
   High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
   High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_07 Datasheet
502Kb / 5P
   High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
   High Voltage EL Lamp Driver IC
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com