Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV852 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV852
Description  High Voltage, Low Noise, Inductorless EL Lamp Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV852 Datasheet(HTML) 4 Page - Supertex, Inc

  HV852 Datasheet HTML 1Page - Supertex, Inc HV852 Datasheet HTML 2Page - Supertex, Inc HV852 Datasheet HTML 3Page - Supertex, Inc HV852 Datasheet HTML 4Page - Supertex, Inc HV852 Datasheet HTML 5Page - Supertex, Inc HV852 Datasheet HTML 6Page - Supertex, Inc HV852 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
HV852
Load
R
EL
V
DD
I
DD
V
A-VB
f
EL
3.3nF+1KΩ
1.5MΩ
2.4V
17.56mA
77V
245Hz
3.0V
17.53mA
79V
3.6V
17.44mA
79V
4.2V
17.65mA
79V
5.0V
18.35mA
79V
Typical Performance
(The following was the observed performance when driving a 1.0in2 green lamp)
Pin Description
Name
Description
V
DD
Input supply voltage pin.
R
EL
An external resistor to V
DD will set the EL lamp frequency. The EL frequency is inversely proportional to the
R
EL resistor value. A 1.5MΩ resistor would provide a nominal lamp frequency of 250Hz.
When using an external clock to set the EL lamp frequency, the R
EL pin should be connected to ground.
EN
Enable input pin. Logic high will turn the device on. An external R-C circuit can be added for a delayed turn
off.
CLK
IN
Logic input pin. An external logic clock applied to this pad can be used to set the EL lamp frequency (see
Figure 3). The EL lamp frequency is the external clock frequency divided by 128. This is useful for applications
requiring the EL lamp to be synchronized to a system clock. Connect to ground when not in use.
CLK
EN
Logic input pin. Logic high will cause the EL lamp frequency to be set by the CLK
IN input. Logic low will
cause the EL lamp frequency to be set by the external R
EL resistor.
Gnd
IC ground pin.
V
B
EL lamp driver output pin. The EL lamp is connected across V
A and VB terminals.
V
A
EL lamp driver output pin. The EL lamp is connected across V
A and VB terminals.
Functional Block Diagram
Feedback
EL
Oscillator
VDD
MOSFET
Full Bridge
REL
VDD
VA
VB
EN
GND
CLKIN
CLKEN
VDD
Capacitor
Charge
Pump Circuit
VSENSE
High
Voltage
Level
Trans-
lators


Similar Part No. - HV852

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV852 SUTEX-HV852 Datasheet
465Kb / 6P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852DB1 SUTEX-HV852DB1 Datasheet
330Kb / 2P
   High Voltage, Low Noise, Inductorless EL Lamp Driver Demoboard
HV852K7-G SUTEX-HV852K7-G Datasheet
465Kb / 6P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852MG-G SUTEX-HV852MG-G Datasheet
465Kb / 6P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852_09 Datasheet
659Kb / 7P
   High Voltage,Low Noise,Inductorless EL Lamp Driver
More results

Similar Description - HV852

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852 Datasheet
465Kb / 6P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV853 SUTEX-HV853_08 Datasheet
614Kb / 7P
   High Voltage, Low Noise,Inductorless EL Lamp Driver
HV852 SUTEX-HV852_09 Datasheet
659Kb / 7P
   High Voltage,Low Noise,Inductorless EL Lamp Driver
HV853 SUTEX-HV853 Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
   High Voltage Low Noise Inductorless EL Lamp Driver
HV852DB1 SUTEX-HV852DB1 Datasheet
330Kb / 2P
   High Voltage, Low Noise, Inductorless EL Lamp Driver Demoboard
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com