Part Name
         Description
HV852_07

 High Voltage, Low Noise, Inductorless EL Lamp Driver ( 7 Page)


SUTEX
100% 
Zoom Out Zoom In
   
 4 page
background image
4
HV852
Load
R
EL
V
DD
I
DD
V
A-VB
f
EL
3.3nF+1KΩ
1.5MΩ
2.4V
17.56mA
77V
245Hz
3.0V
17.53mA
79V
3.6V
17.44mA
79V
4.2V
17.65mA
79V
5.0V
18.35mA
79V
Typical Performance
(The following was the observed performance when driving a 1.0in2 green lamp)
Pin Description
Name
Description
V
DD
Input supply voltage pin.
R
EL
An external resistor to V
DD will set the EL lamp frequency. The EL frequency is inversely proportional to the
R
EL resistor value. A 1.5MΩ resistor would provide a nominal lamp frequency of 250Hz.
When using an external clock to set the EL lamp frequency, the R
EL pin should be connected to ground.
EN
Enable input pin. Logic high will turn the device on. An external R-C circuit can be added for a delayed turn
off.
CLK
IN
Logic input pin. An external logic clock applied to this pad can be used to set the EL lamp frequency (see
Figure 3). The EL lamp frequency is the external clock frequency divided by 128. This is useful for applications
requiring the EL lamp to be synchronized to a system clock. Connect to ground when not in use.
CLK
EN
Logic input pin. Logic high will cause the EL lamp frequency to be set by the CLK
IN input. Logic low will
cause the EL lamp frequency to be set by the external R
EL resistor.
Gnd
IC ground pin.
V
B
EL lamp driver output pin. The EL lamp is connected across V
A and VB terminals.
V
A
EL lamp driver output pin. The EL lamp is connected across V
A and VB terminals.
Functional Block Diagram
Feedback
EL
Oscillator
VDD
MOSFET
Full Bridge
REL
VDD
VA
VB
EN
GND
CLKIN
CLKEN
VDD
Capacitor
Charge
Pump Circuit
VSENSE
High
Voltage
Level
Trans-
lators



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HV853High Voltage Low Noise Inductorless EL Lamp Driver 1 2 3 4 5 MoreSupertex, Inc
RF3865WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER 1 2 3 4 5 MoreRF Micro Devices
RF3866WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER 1 2 3 4 5 MoreRF Micro Devices
2SA2073High voltage discharge High speed switching Low Noise −60V −3A 1 2 3 4 5 Rohm
NCP5181High Voltage High and Low Side Driver 1 2 3 4 5 MoreON Semiconductor
AN44A high power LED driver for low voltage halogen replacement 1 2 3 4 5 MoreZetex Semiconductors
HV809_07Off-Line High Voltage EL Lamp Driver 1 2 3 4 5 MoreSupertex, Inc
LTC1911-15Low Noise High Efficiency Inductorless Step-Down DC/DC Converter 1 2 3 4 5 MoreLinear Technology
HV825_07High Voltage EL Lamp Driver IC 1 2 3 4 5 Supertex, Inc
HV830_07High Voltage EL Lamp Driver IC 1 2 3 4 5 MoreSupertex, Inc

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl