Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV748 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV748
Description  Quad High Speed 짹75V 1.25A Ultrasound Pulser
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV748 Datasheet(HTML) 4 Page - Supertex, Inc

  HV748 Datasheet HTML 1Page - Supertex, Inc HV748 Datasheet HTML 2Page - Supertex, Inc HV748 Datasheet HTML 3Page - Supertex, Inc HV748 Datasheet HTML 4Page - Supertex, Inc HV748 Datasheet HTML 5Page - Supertex, Inc HV748 Datasheet HTML 6Page - Supertex, Inc HV748 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
HV748
Electrical Characteristics
(Operating conditions, unless otherwise specified, V
SS = 0V, VLL = +3.3V, VDD = +9V, VPF= VPP -9V, VNF = VNN + 9V, VPP = +75V, VNN = -75V, TA = 25°C)
Output P-Channel MOSFET, TXP (Mode 4)
Symbol Parameter
Min
Typ
Max
Units
Conditions
I
OUT
Output saturation current
1.25
1.8
-
A
---
R
ON
Channel resistance
-
8.0
-
Ω
I
SD = 100mA
C
OSS
Output capacitance
-
100
-
pF
V
DS = 25V, f = 1.0MHz
Output N-Channel MOSFET, TXN (Mode 4)
Symbol Parameter
Min
Typ
Max
Units
Conditions
I
OUT
Output saturation current
1.25
1.8
-
A
---
R
ON
Channel resistance
-
7.5
-
Ω
I
SD = 100mA
C
OSS
Output capacitance
-
40
-
pF
V
DS = 25V, f = 1.0MHz
MOSFET Drain Bleed Resistor
Symbol Parameter
Min
Typ
Max
Units
Conditions
R
P/N1~4
Output bleed resistance
10
15
20
---
P
RO
Bleed resistors power limit
-
-
40
mW
---
Logic Inputs
Symbol Parameter
Min
Typ
Max
Units
Conditions
V
IH
Input logic high voltage
(V
LL-0.4)
-
V
LL
V
---
V
IL
Input logic low voltage
0
-
0.4
V
---
I
IH
Input logic high current
-
-
10
μA
---
I
IL
Input logic low current
-10
-
-
μA
---
C
IN
Input logic capacitance
-
-
5.0
pF
---
AC Electrical Characteristics
(Operating conditions, unless otherwise specified, V
SS =0V, VLL = +3.3V, VDD = +9V, VPF = (VPP - 9V), VNF = (VNN +9V), VPP = +75V, VNN = -75V, TA = 25°C)
Symbol Parameter
Min
Typ
Max
Units
Conditions
t
r
Output rise time
-
35
-
ns
330pF//2.5kΩ load
t
f
Output fall time
-
43
-
ns
f
OUT
Output frequency range
-
-
20
MHz
100Ω resistor load
HD2
Second harmonic distortion
-
-40
-
dB
t
EN
Enable time
-
180
500
μs
t
DIS
Disable time
-
2.8
10
μs
t
dr
Delay time on inputs rise
-
22
-
ns
t
df
Delay time on inputs fall
-
22
-
ns
t
dm
Delay on mode change
-
2.5
10
μs
Δt
DELAY
|t
dr - tdf| Delay time matching
-
±2.0
-
ns
P to N, channel to channel
t
j
Delay jitter on rise or fall
-
15
-
ps
V
PP/VNN = ±25V, input tr 50% to HVOUT tr
or t
f 50%, with 330pF//2.5kΩ load


Similar Part No. - HV748

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV748DB1 SUTEX-HV748DB1 Datasheet
1Mb / 9P
   HV748 짹75V 1.25A Ultrasound Pulser Demo Board
HV748K6-G SUTEX-HV748K6-G Datasheet
717Kb / 8P
   Four-Channel, High Speed, 짹75V 1.25A Ultrasound Pulser
HV748 SUTEX-HV748_12 Datasheet
717Kb / 8P
   Four-Channel, High Speed, 짹75V 1.25A Ultrasound Pulser
More results

Similar Description - HV748

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV748 SUTEX-HV748_12 Datasheet
717Kb / 8P
   Four-Channel, High Speed, 짹75V 1.25A Ultrasound Pulser
HV748DB1 SUTEX-HV748DB1 Datasheet
1Mb / 9P
   HV748 짹75V 1.25A Ultrasound Pulser Demo Board
HV746 SUTEX-HV746 Datasheet
601Kb / 7P
   Dual High Speed 짹75V 2.5A Ultrasound Pulser
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
   Quad High Speed 짹65V 750mA Ultrasound Pulser
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
   High Speed 짹100V 2A Integrated Ultrasound Pulser
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
logo
Supertex, Inc
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
   High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
HV738 SUTEX-HV738_11 Datasheet
672Kb / 8P
   Four-Channel, High Speed, 짹65V 750mA Ultrasound Pulser
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com