Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKIIP232GDL120-410CTV Datasheet(PDF) 1 Page - Semikron International

Part # SKIIP232GDL120-410CTV
Description  7-pack - integrated intelligent Power System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKIIP232GDL120-410CTV Datasheet(HTML) 1 Page - Semikron International

  SKIIP232GDL120-410CTV Datasheet HTML 1Page - Semikron International SKIIP232GDL120-410CTV Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SKiiP
® 2
7-pack - integrated
intelligent Power System
Power section - 3 phase bridge
SKiiP 232GDL120-410CTV
Features
1)
Case S 5
Absolute Maximum Ratings
Symbol Conditions
Values
Units
IGBT
Inverse diode
Characteristics
Symbol Conditions
min.
typ.
max.
Units
IGBT
Inverse diode
Mechanical data
Thermal characteristics (P16 heat sink; 275 m
3/h); "
r
" reference to
temperature sensor
This technical information specifies semiconductor devices but promises no
characteristics. No warranty or guarantee, expressed or implied is made regarding
delivery, performance or suitability.
SKiiP 232GDL120-410CTV ...
1
19-10-2004 SCT
© by SEMIKRON


Similar Part No. - SKIIP232GDL120-410CTV

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKIIP232GDL120-4DU SEMIKRON-SKIIP232GDL120-4DU Datasheet
73Kb / 2P
   7-pack - integrated intelligent Power System
SKIIP232GDL120-4DU SEMIKRON-SKIIP232GDL120-4DU Datasheet
77Kb / 2P
   7-pack - integrated intelligent Power System
SKIIP232GDL120-4DU SEMIKRON-SKIIP232GDL120-4DU_07 Datasheet
77Kb / 2P
   7-pack - integrated intelligent Power System
More results

Similar Description - SKIIP232GDL120-410CTV

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKIIP232GDL120-4DU SEMIKRON-SKIIP232GDL120-4DU_07 Datasheet
77Kb / 2P
   7-pack - integrated intelligent Power System
SKIIP232GDL120-4DU SEMIKRON-SKIIP232GDL120-4DU Datasheet
73Kb / 2P
   7-pack - integrated intelligent Power System
132GDL120-412CTV SEMIKRON-132GDL120-412CTV Datasheet
77Kb / 2P
   7-pack - integrated intelligent Power System
SKIIP342GDL120-4DU SEMIKRON-SKIIP342GDL120-4DU Datasheet
73Kb / 2P
   7-pack - integrated intelligent Power System
SKIIP342GDL120-4DU SEMIKRON-SKIIP342GDL120-4DU_07 Datasheet
77Kb / 2P
   7-pack - integrated intelligent Power System
SKIIP132GDL120-4DU SEMIKRON-SKIIP132GDL120-4DU_07 Datasheet
77Kb / 2P
   7-pack - integrated intelligent Power System
342GDL120-411CTV SEMIKRON-342GDL120-411CTV Datasheet
77Kb / 2P
   7-pack - integrated intelligent Power System
SKIIP132GDL120-4DU SEMIKRON-SKIIP132GDL120-4DU Datasheet
73Kb / 2P
   7-pack - integrated intelligent Power System
SKIIP1013GB172-2DL SEMIKRON-SKIIP1013GB172-2DL_09 Datasheet
98Kb / 2P
   2-pack-integrated intelligent Power System
SKIIP1513GB122-3DL SEMIKRON-SKIIP1513GB122-3DL Datasheet
104Kb / 2P
   2-pack-integrated intelligent Power System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com