Electronic Components Datasheet Search |
|
Y5117XX-T2 Datasheet(PDF) 1 Page - Power-One |
|
Y5117XX-T2 Datasheet(HTML) 1 Page - Power-One |
1 / 14 page Y5117 17A DC-DC POL Data Sheet 3.0V to 13.2V Input • 0.7V to 3.63V Output REV. 2.6 APR 07, 2005 www.power-one.com Page 1 of 14 Applications • Low voltage, high density power systems with Intermediate Bus Architectures (IBA) from 3.0V to 13.2V • Servers, desktops, and portable computing • Broadband, networking, optical, and communications systems • Battery-operated equipment • Point-of-load regulation for high performance DSP, FPGA, ASIC, and microprocessors • Advanced set-top boxes • Memory bus terminators Member of the Family Benefits • One part for different input and output voltage ranges • One part with up to 17A output • Reduces number of different parts in inventory • Compatible with conventional pick-and-place equipment Features • Extra-wide input low voltage range: 3.0V – 13.2V • Wide-range programmable output: 0.7V – 3.63V • Remote voltage sense • High continuous output current: 17A • High current density: 44 A/in 2 • Efficiency up to 95% • No minimum load required • Output short circuit protection • Start-up into prebiased output • Full current sink capability for active bus termination • Remote enable (ON/OFF) • Small footprint: 8 x 32 mm • Low profile:14mm • Wide operating temperature range • UL60950 recognized, CSA C22.2 No. 60950-00 certified, and TUV EN60950-1:2001 certified Description The Y5117 is a series of highly efficient point-of-load DC/DC power converters in a unique SIP style surface mount package, designed to deliver low voltages at high currents in close proximity to loads. Extra-wide input voltage range, programmable output voltage, and fast transient response are just a few of the integrated features that minimize power system cost and time to market. Selection Chart Model Input Voltage, VDC Input UVLO, VDC Output Voltage, VDC Output Current, ADC Y5117P 3.0 – 13.2 3.8 0.7 – 3.63 17 Y5117PC 3.0 – 13.2 4.5 0.7 – 3.63 17 Model numbers highlighted in yellow or shaded are not recommended for new designs. Ordering Information Part Number Description Quantity of Y5117XX Y5117XX–T1 Tape and Reel 500 Y5117XX–T2 Tape and Reel 100 Y5117XX–K1 Evaluation Kit 1 mechanical sample and eval board Y5117XX–K5 Sample Kit 5 functional samples |
Similar Part No. - Y5117XX-T2 |
|
Similar Description - Y5117XX-T2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |