Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y5117P Datasheet(PDF) 5 Page - Power-One

Part # Y5117P
Description  3.0V to 13.2V Input 0.7V to 3.63V Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

Y5117P Datasheet(HTML) 5 Page - Power-One

  Y5117P Datasheet HTML 1Page - Power-One Y5117P Datasheet HTML 2Page - Power-One Y5117P Datasheet HTML 3Page - Power-One Y5117P Datasheet HTML 4Page - Power-One Y5117P Datasheet HTML 5Page - Power-One Y5117P Datasheet HTML 6Page - Power-One Y5117P Datasheet HTML 7Page - Power-One Y5117P Datasheet HTML 8Page - Power-One Y5117P Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Y5117 17A DC-DC POL Data Sheet
3.0V to 13.2V Input
• 0.7V to 3.63V Output
REV. 2.6 APR 07, 2005
www.power-one.com
4.2
Y5117P Turn-On Characteristics
Figure 6. Vin=3.0V, Vout=0.7V, Iout=8.5A.
Ch1 – Vout, Ch2 – Vin
Figure 7. Vin=5V, Vout=0.7V, Iout=8.5A.
Ch1 – Vout, Ch2 – Vin
Figure 8. Vin=13.2V, Vout=0.7V, Iout=8.5A.
Ch1 – Vout, Ch2 – Vin
Figure 9. Turn-on intro the output prebiased to 50% of Vout.
Vin=5V, Vout=1.3V, Iout=17A. Ch1 – Vout
4.3
Thermal Derating Curves
0
2
4
6
8
10
12
14
16
18
25
35
45
55
65
75
85
Temperature (°C)
Natural Convection
100 LFM
200 LFM
400 LFM
Figure 10. Thermal Derating Curves for the Worst Case Operating Conditions: Vin=13.2V, Vout=3.3V
Page 5 of 14


Similar Part No. - Y5117P

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
Y51 TAYCHIPST-Y51 Datasheet
3Mb / 3P
   ZENER DIODES
More results

Similar Description - Y5117P

ManufacturerPart #DatasheetDescription
logo
Power-One
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
DP8110 POWER-ONE-DP8110 Datasheet
2Mb / 34P
   8V to 14V Input, 0.7V to 5.5V Output
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
   8V to 14V Input , 0.7V to 5.5V Output
logo
Bel Fuse Inc.
X7PB-06F1AX BEL-X7PB-06F1AX Datasheet
185Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.75V-3.63V/6A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
logo
Maxim Integrated Produc...
MAX1708EVKIT MAXIM-MAX1708EVKIT Datasheet
124Kb / 4P
   0.7V to VOUT Input Voltage Range
2001
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7120 POWER-ONE-ZY7120 Datasheet
1Mb / 34P
   20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
logo
Maxim Integrated Produc...
MAX17113EVKIT MAXIM-MAX17113EVKIT Datasheet
1,021Kb / 7P
   10.8V to 13.2V Supply Voltage
Rev 0; 12/09
logo
Renesas Technology Corp
ICS841604I-01 RENESAS-ICS841604I-01 Datasheet
551Kb / 20P
   FemtoClock® Crystal-to-0.7V Differential
APRIL 10, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com