Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV256FG-G Datasheet(PDF) 11 Page - Supertex, Inc

Part # HV256FG-G
Description  32-Channel High Voltage Amplifi er Array
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV256FG-G Datasheet(HTML) 11 Page - Supertex, Inc

Back Button HV256FG-G Datasheet HTML 3Page - Supertex, Inc HV256FG-G Datasheet HTML 4Page - Supertex, Inc HV256FG-G Datasheet HTML 5Page - Supertex, Inc HV256FG-G Datasheet HTML 6Page - Supertex, Inc HV256FG-G Datasheet HTML 7Page - Supertex, Inc HV256FG-G Datasheet HTML 8Page - Supertex, Inc HV256FG-G Datasheet HTML 9Page - Supertex, Inc HV256FG-G Datasheet HTML 10Page - Supertex, Inc HV256FG-G Datasheet HTML 11Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
HV256
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HV256
B120406
100-Lead MQFP Package Outline (FG)
20x14mm body, 3.15mm height (max.), 0.65mm pitch, 3.2mm footprint
Symbol
A
A1
A2
b
D
D1
E
E1
e
L
L1
L2
θ
θ1
Dimension
(mm)
MIN
2.50
0.00
2.50
0.22
22.95
19.80
16.95
13.90
0.65
BSC
0.73
1.60
REF
0.25
BSC
0O
5O
NOM
-
-
2.70
-
23.20
20.00
17.20
14.00
0.88
-
-
MAX
3.15
0.25
2.90
0.40
23.45
20.20
17.45
14.20
1.03
7O
16O
JEDEC Registration MS-022, Variation GC-2, Issue B, Dec. 1996.
Drawings not to scale.
1
100
Top View
Seating
Plane
Gauge
Plane
θ
L
L1
L2
View B
View B
θ1
b
e
Side View
A2
A
A1
E
E1
D
D1
Seating
Plane
Note 1
(Index Area
E1/4 x D1/4)
Note 1:
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier may be either a mold, or an embedded metal or marked feature.


Similar Part No. - HV256FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV256FG-G SUTEX-HV256FG-G Datasheet
1Mb / 13P
   32-Channel High Voltage Amplifier Array
More results

Similar Description - HV256FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV257 SUTEX-HV257_07 Datasheet
1Mb / 13P
   32-Channel High Voltage Sample and Hold Amplifi er Array
logo
Mini-Circuits
ZHL-100W-13 MINI-ZHL-100W-13 Datasheet
391Kb / 3P
   High Power Amplifi er
logo
API Technologies Corp
BXMF1019 APITECH-BXMF1019 Datasheet
46Kb / 1P
   Switched Multi-Channel Amplifi er
BXMF1020 APITECH-BXMF1020 Datasheet
37Kb / 1P
   Switched Multi-Channel Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30216 AVAGO-MGA-30216_15 Datasheet
217Kb / 14P
   0.5Watt High Linearity Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
MGA-30316 AVAGO-MGA-30316_15 Datasheet
218Kb / 12P
   0.5Watt High Linearity Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com