Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV219 Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV219
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV219 Datasheet(HTML) 9 Page - Supertex, Inc

  HV219 Datasheet HTML 1Page - Supertex, Inc HV219 Datasheet HTML 2Page - Supertex, Inc HV219 Datasheet HTML 3Page - Supertex, Inc HV219 Datasheet HTML 4Page - Supertex, Inc HV219 Datasheet HTML 5Page - Supertex, Inc HV219 Datasheet HTML 6Page - Supertex, Inc HV219 Datasheet HTML 7Page - Supertex, Inc HV219 Datasheet HTML 8Page - Supertex, Inc HV219 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
HV219
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HV219
NR050807
48-Lead LQFP (7x7x1.4mm) Package Outline (FG)
Symbol
A
A1
A2
b
D
D1
E
E1
e
L
L1
L2
θ
Dimension
(mm)
MIN
1.40
0.05
1.35
0.17
8.80
6.80
8.80
6.80
0.50
BSC
0.45
1.00
REF
0.25
BSC
0O
NOM
-
-
1.40
0.22
9.00
7.00
9.00
7.00
0.60
3.5O
MAX
1.60
0.15
1.45
0.27
9.20
7.20
9.20
7.20
0.75
7O
JEDEC Registration MS-026, Variation BBC, Issue D, Jan. 2001.
Drawings not to scale.
1
Seating
Plane
Gauge
Plane
θ
L
L1
L2
View B
View B
Seating
Plane
Top View
D
D1
E
E1
b
e
Side View
A2
A
A1
Note 1
(Index Area
D1/4 x E1/4)
48
Note 1:
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier may be either a mold, or an embedded metal or marked feature.


Similar Part No. - HV219

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG SUTEX-HV219FG Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG-G SUTEX-HV219FG-G Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG-GM931 SUTEX-HV219FG-GM931 Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
HV219PJ SUTEX-HV219PJ Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
More results

Similar Description - HV219

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_13 Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com