Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFP054VPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP054VPBF
Description  HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 9.0m廓 , ID = 93A )
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP054VPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFP054VPBF Datasheet HTML 1Page - International Rectifier IRFP054VPBF Datasheet HTML 2Page - International Rectifier IRFP054VPBF Datasheet HTML 3Page - International Rectifier IRFP054VPBF Datasheet HTML 4Page - International Rectifier IRFP054VPBF Datasheet HTML 5Page - International Rectifier IRFP054VPBF Datasheet HTML 6Page - International Rectifier IRFP054VPBF Datasheet HTML 7Page - International Rectifier IRFP054VPBF Datasheet HTML 8Page - International Rectifier IRFP054VPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRFP054VPbF
HEXFET® Power MOSFET
07/06/04
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.85
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance
www.irf.com
1
VDSS = 60V
RDS(on) = 9.0mΩ
ID = 93A
ˆ
S
D
G
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The TO-247 package is preferred for commercial-industrial
applications where higher power levels preclude the use
of TO-220 devices. The TO-247 is similar but superior to
the earlier TO-218 package because of its isolated
mounting hole.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Optimized for SMPS Applications
l Lead-Free
Description
PD - 95500
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
93
ˆ
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
66
A
IDM
Pulsed Drain Current
‡
360
PD @TC = 25°C
Power Dissipation
180
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

90
A
EAR
Repetitive Avalanche Energy

18
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ‡
4.7
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
TO-247AC


Similar Part No. - IRFP054VPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP054V IRF-IRFP054V Datasheet
216Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=9.0mohm, Id=93A??
More results

Similar Description - IRFP054VPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP054V IRF-IRFP054V Datasheet
216Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=9.0mohm, Id=93A??
IRFZ44VZPBF IRF-IRFZ44VZPBF Datasheet
355Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 12m廓 , ID = 57A )
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
IRF3710SPBF IRF-IRF3710SPBF Datasheet
279Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = 100V , RDS(on) = 23m廓 , ID = 57A )
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
   HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRFL4310PBF IRF-IRFL4310PBF Datasheet
662Kb / 9P
   HEXFET짰 Power MOSFET ( VDSS = 100V , RDS(on) = 0.20廓 , ID = 1.6A )
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com