Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DN3545N3 Datasheet(PDF) 4 Page - Supertex, Inc

Part # DN3545N3
Description  N-Channel Depletion-Mode Vertical DMOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN3545N3 Datasheet(HTML) 4 Page - Supertex, Inc

  DN3545N3 Datasheet HTML 1Page - Supertex, Inc DN3545N3 Datasheet HTML 2Page - Supertex, Inc DN3545N3 Datasheet HTML 3Page - Supertex, Inc DN3545N3 Datasheet HTML 4Page - Supertex, Inc DN3545N3 Datasheet HTML 5Page - Supertex, Inc DN3545N3 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
DN3545
Typical Performance Curves (cont.)
ID (Amperes)
On Resistance vs. Drain Current
VGS(OFF) and RDS(ON) w/ Temperature
TJ (
oC)
Transfer Characteristics
VGS (Volts)
-50
0
50
100
150
0.8
0.9
1.0
1.1
1.2
ID = 100µA
VGS = -5V
-3
-2
-1
0
1
2
0
0.2
0.4
0.6
0.8
1.0
VDS = 10V
TA = -55
oC
TA = 125
oC
TA = 25
oC
0.5
0.7
0.9
1.1
1.3
1.5
0.4
0.8
1.2
1.6
2.0
2.4
-50
0
50
100
150
RDS(ON) @ 0V, 150mA
VGS(OFF) @ 10µA
0
10203040
0
50
100
150
200
250
300
CRSS
COSS
CISS
VGS = -5V
0123456
-5
-4
-3
-2
-1
0
1
2
3
ID = 150mA
VDS = 30V
TJ (
oC)
BVDSS Variation with Temperature
Capacitance vs. Drain Source Voltage
VDS (Volts)
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
Gate Drive Dynamic Characteristics
Q (Nanocoulombs)
G
VGS = 0V


Similar Part No. - DN3545N3

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN3545N3 SUTEX-DN3545N3 Datasheet
102Kb / 4P
   N-Channel Depletion-Mode Vertical DMOS FETs
More results

Similar Description - DN3545N3

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2470 SUTEX-DN2470_07 Datasheet
416Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Clare, Inc.
CPC3703 CLARE-CPC3703_12 Datasheet
112Kb / 5P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Supertex, Inc
DN3545 SUTEX-DN3545_13 Datasheet
858Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN2530 MICROCHIP-DN2530 Datasheet
372Kb / 13P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
logo
Supertex, Inc
DN3765 SUTEX-DN3765 Datasheet
460Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
DN2470 SUTEX-DN2470 Datasheet
134Kb / 2P
   N-CHANNEL DEPLETION - MODE VERTICAL DMOS FET
DN3765 SUTEX-DN3765_13 Datasheet
568Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN3525 MICROCHIP-DN3525 Datasheet
451Kb / 14P
   N-Channel Depletion-Mode Vertical DMOS FET
10/25/17
logo
Supertex, Inc
DN1590 SUTEX-DN1590 Datasheet
363Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN2470 MICROCHIP-DN2470 Datasheet
337Kb / 11P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com