Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W39V040CQ Datasheet(PDF) 8 Page - Winbond

Part # W39V040CQ
Description  512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V040CQ Datasheet(HTML) 8 Page - Winbond

Back Button W39V040CQ Datasheet HTML 4Page - Winbond W39V040CQ Datasheet HTML 5Page - Winbond W39V040CQ Datasheet HTML 6Page - Winbond W39V040CQ Datasheet HTML 7Page - Winbond W39V040CQ Datasheet HTML 8Page - Winbond W39V040CQ Datasheet HTML 9Page - Winbond W39V040CQ Datasheet HTML 10Page - Winbond W39V040CQ Datasheet HTML 11Page - Winbond W39V040CQ Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
W39V040C
- 8 -
6.6
Sector/Page Erase Command
Sector/Page erase is a six-bus cycles operation. There are two "unlock" write cycles, followed by
writing the "set-up" command. Two more "unlock" write cycles then follows by the Sector/Page erase
command. The Sector/Page address (any address location within the desired Sector/Page) is latched
on the rising edge of R/#C in programmer mode, while the command (30H/50H) is latched on the rising
edge of #WE.
Sector/Page erase does not require the user to program the device prior to erase. When erasing a
Sector/ Page, the remaining unselected sectors/ Pages are not affected. The system is not required to
provide any controls or timings during these operations.
The automatic Sector/ Page erase begins after the erase command is completed, right from the rising
edge of the #WE pulse for the last Sector/ Page erase command pulse and terminates when the data
on DQ7, Data Polling, is "1" at which time the device returns to the read mode. Data Polling must be
performed at an address within any of the sectors/page being erased.
Refer to the Erase Command flow Chart using typical command strings and bus operations.
6.7
Program Operation
The W39V040C is programmed on a byte-by-byte basis. Program operation can only change logical
data "1" to logical data "0." The erase operation, which changed entire data in main memory and/or
boot block from "0" to "1", is needed before programming.
The program operation is initiated by a 4-byte command cycle (see Command Codes for Byte
Programming). The device will internally enter the program operation immediately after the
byte-program command is entered. The internal program timer will automatically time-out (10
μS typ. -
TBP) once it is completed and then return to normal read mode. Data polling and/or Toggle Bits can be
used to detect end of program cycle.
6.8
Hardware Data Protection
  The integrity of the data stored in the W39V040C is also hardware protected in the following ways:
(1) Noise/Glitch Protection: A #WE pulse of less than 5 nS in duration will not initiate a write cycle.
(2) VDD Power Up/Down Detection: The programming and read operation are inhibited when VDD is
less than 2.0V typical.
(3) Write Inhibit Mode: Forcing #OE low or #WE high will inhibit the write operation. This prevents
inadvertent writes during power-up or power-down periods.
6.9
Write operation status
The device provides several bits to determine the status of a program or erase operation: DQ5, DQ6,
and DQ7. Each of DQ7 and DQ6 provides a method for determining whether a program or erase
operation is complete or in progress. The device also offers a hardware-based output signal, RY/#BY in
programmer mode, to determine whether an Embedded Program or Erase operation is in progress or
has been completed.


Similar Part No. - W39V040CQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W39V040A WINBOND-W39V040A Datasheet
369Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040AP WINBOND-W39V040AP Datasheet
369Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040AQ WINBOND-W39V040AQ Datasheet
369Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040B WINBOND-W39V040B Datasheet
356Kb / 32P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040BP WINBOND-W39V040BP Datasheet
356Kb / 32P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
More results

Similar Description - W39V040CQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W39V040B WINBOND-W39V040B_07 Datasheet
336Kb / 33P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040A WINBOND-W39V040A Datasheet
369Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040B WINBOND-W39V040B Datasheet
356Kb / 32P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V080A WINBOND-W39V080A Datasheet
356Kb / 34P
   1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FB WINBOND-W39V040FB_07 Datasheet
346Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FC WINBOND-W39V040FC Datasheet
363Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W49V002A WINBOND-W49V002A Datasheet
290Kb / 32P
   256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
   512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080FA WINBOND-W39V080FA Datasheet
296Kb / 35P
   1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com