Electronic Components Datasheet Search |
|
SN761633RTAR Datasheet(PDF) 8 Page - Texas Instruments |
|
SN761633RTAR Datasheet(HTML) 8 Page - Texas Instruments |
8 / 27 page www.ti.com I 2C Interface ELECTRICAL CHARACTERISTICS – Rx BLOCK RF Signal Input IF Band-Pass Filter FM Demodulator MPX OUT Soft Mute SN761633 FM STEREO RADIO WITH TRANSMITTER SLES210 – OCTOBER 2007 PARAMETER TEST CONDITIONS MIN MAX UNIT VIH High-level input voltage (SCL, SDA) 0.7 × V CC V VIL Low-level input voltage (SCL, SDA) 0.3 × V CC V VOL Low-level ouput voltage (SDA) VCC = 3 V, IOL = 500 μA 0.4 V fSCL Clock frequency (SCL) 400 kHz VCC = 3 V, TA = 25°C, measured in the circuit of Figure 26; RF input voltage (VRF) = 60 dBμVemf, RF frequency (fRF) = 98.1 MHz, Audio signal frequency (fAF) = 1kHz, Mono, FM = 22.5 kHzdev (30% at 75-kdev Ref.), BW = LPF 30 k (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT fTU RANGE Tuning frequency range 76 108 MHz VRx Sensitivity input voltage (S+N)/N = 26 dB, 22.5-kHz dev, De-emphasis = 75 μs 10 dB μVemf RRFIN Input resistance RF IN at 100 MHz, No RF signal input 120 Ω CRFIN Input capacitance RF IN at 100 MHz, No RF signal input 1.5 pF IRRx Image rejection ratio 30 dB PARAMETER TEST CONDITIONS TYP UNIT fIF IF center frequency Peak frequency, Test mode 325 kHz BIF IF bandwidth –3 dB, Test mode 130 kHz S+200 Selectivity high side (200 kHz) 325 kHz + 200 kHz, Test mode 25 dB S–200 Selectivity low side (200 kHz) 325 kHz – 200 kHz, Test mode 30 dB S+100 Selectivity high side (100 kHz) 325 kHz + 100 kHz, Test mode 8 dB S–100 Selectivity low side (100 kHz) 325 kHz – 100 kHz, Test mode 7 dB PARAMETER TEST CONDITIONS TYP UNIT VMPXOUT MPX OUT output level 22.5 kHz dev, fAF = 1 kHz, EN_MPXOUT = 1 75 mVrms PARAMETER TEST CONDITIONS TYP UNIT VS MUTE Soft mute start point S_MUTE = 1, –3 dB 11 dB μVemf VRF = 60 dBμVemf, S_MUTE = 0 to 1, ATTS MUTE Soft mute attenuation 0 V applied to RSSI pin externally as pseudo condition of no RF signal 18 dB input 8 Submit Documentation Feedback Copyright © 2007, Texas Instruments Incorporated Product Folder Link(s): SN761633 |
Similar Part No. - SN761633RTAR |
|
Similar Description - SN761633RTAR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |