Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG401AZ883 Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # DG401AZ883
Description  Low-Power, High-Speed CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG401AZ883 Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button DG401AZ883 Datasheet HTML 2Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 3Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 4Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 5Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 6Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 7Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 8Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 9Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 10Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DG401/403/405
6
Siliconix
S-53748—Rev. E, 05-Jun-97
Typical Characteristics (Cont’d)
Leakage Current vs. Analog Voltage
Leakage Current vs. Temperature
Temperature (
_C)
100 pA
–55 –35 –15
5
25
45
65
85
105
125
0.1 pA
1 pA
10 pA
1 nA
10 nA
100 nA
V+ = 15 V
V– = –15 V
VL = 5 V
VD = "14 V
ID(on)
ID(off)
90
60
–150
–15
–10
–5
0
5
10
15
30
0
–30
–60
–90
–120
V+ = 15 V, V– = –15 V
VL = 5 V, TA = 25_C
For ID(off), VS = 0 V
For IS(off), VD = 0 V
ID(on)
ID(off), IS(off)
VD or VS – Drain or Source Voltage (V)
V+, V– Positive and Negative Supplies (V)
Switching Time vs. Temperature*
Supply Current vs. Temperature
Switching Time vs. Positive Supply Voltage*
Switching Time vs. Power Supply Voltage*
–55 –35 –15
5
25
45
65
85
105
125
1 p
100 p
10.0 p
1 n
10 n
100 n
IL
I–
I+
IL
I–
240
180
120
60
0
–55 –35 –15
5
25
45
65
85
105 125
V+ = 15 V, V– = –15 V, VL = 5 V
tON
tOFF
VS = –10 V
VS = 10 V
210
150
90
30
*Refer to Figure 2 for test conditions.
VS = 10 V
VS = –10 V
200
180
140
40
0
160
120
20
60
100
80
tON
tOFF
VL = 5 V
VS = 5 V
VS = –5 V
VS = 5 V
VS = –5 V
0
”5
”10
”20
”25
”15
300
270
210
60
0
025
240
180
30
90
150
120
20
15
10
5
tON
tOFF
V+ = 15 V, V– = –15 V
VL = 5 V
VS = 5 V
0 V
0 V
0 V
–15 V
–15 V
–5 V
–5 V
TA – Temperature (_C)
V+ – Positive Supply (V)
TA – Temperature (_C)
–15 V


Similar Part No. - DG401AZ883

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG401AZ MAXIM-DG401AZ Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
More results

Similar Description - DG401AZ883

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com