Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG405 Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # DG405
Description  Low-Power, High-Speed CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG405 Datasheet(HTML) 3 Page - TEMIC Semiconductors

  DG405 Datasheet HTML 1Page - TEMIC Semiconductors DG405 Datasheet HTML 2Page - TEMIC Semiconductors DG405 Datasheet HTML 3Page - TEMIC Semiconductors DG405 Datasheet HTML 4Page - TEMIC Semiconductors DG405 Datasheet HTML 5Page - TEMIC Semiconductors DG405 Datasheet HTML 6Page - TEMIC Semiconductors DG405 Datasheet HTML 7Page - TEMIC Semiconductors DG405 Datasheet HTML 8Page - TEMIC Semiconductors DG405 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DG401/403/405
Siliconix
S-53748—Rev. E, 05-Jun-97
3
Ordering Information
Temp Range
Package
Part Number
DG401
–40 to 85
_C
16-Pin Plastic DIP
DG401DJ
16-Pin CerDIP
DG401AK
–55 to 125
_C
16-Pin CerDIP
DG401AK/883
LCC-20
DG401AZ/883
DG403
–40 to 85
_C
16-Pin Plastic DIP
DG403DJ
–40 to 85
_C
16-Pin Narrow SOIC
DG403DY
16-Pin CerDIP
DG403AK
–55 to 125
_C
16-Pin CerDIP
DG403AK/883
LCC-20
5962-8976301M2A
DG405
–40 to 85
_C
16-Pin Plastic DIP
DG405DJ
–40 to 85
_C
16-Pin Narrow SOIC
DG405DY
–55 to 125
_C
16-Pin CerDIP
DG405AK/883
–55 to 125
_C
LCC-20
5962-89961012A
Absolute Maximum Ratings
V+ to V–
44 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND to V–
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VL
(GND – 0.3 V) to (V+) +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa VS, VD
(V–) –2 V to (V+ plus 2 V)
. . . . . . . . . . . . . . . . .
or 30 mA, whichever occurs first
Current (Any Terminal) Continuous
30 mA
. . . . . . . . . . . . . . . . . . . . . .
Current, S or D (Pulsed 1 ms 10% duty)
100 mA
. . . . . . . . . . . . . . . . . .
Storage Temperature
(AK, AZ Suffix)
–65 to 150
_C
. . . . . . . . . .
(DJ, DY Suffix)
–65 to 125
_C
. . . . . . . . . . .
Power Dissipation (Package)b
16-Pin Plastic DIPc
450 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin CerDIPd
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin SOICe
600 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
LCC-20f
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V– will be clamped by
internal diodes. Limit forward diode current to maximum current
ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 6 mW/
_C above 75_C
d.
Derate 12 mW/
_C above 75_C
e.
Derate 7.6 mW/
_C above 75_C
f.
Derate 13 mW/
_C above 75_C


Similar Part No. - DG405

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG405 INTERSIL-DG405 Datasheet
93Kb / 9P
   Monolithic CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG405 VISHAY-DG405 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG405 VISHAY-DG405 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG405 VISHAY-DG405 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
logo
Intersil Corporation
DG405/883 INTERSIL-DG405/883 Datasheet
291Kb / 12P
   Monolithic CMOS Analog Switches
More results

Similar Description - DG405

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com