Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC175MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74AC175MTC
Description  Quad D-Type Flip-Flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC175MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74AC175MTC Datasheet HTML 1Page - Fairchild Semiconductor 74AC175MTC Datasheet HTML 2Page - Fairchild Semiconductor 74AC175MTC Datasheet HTML 3Page - Fairchild Semiconductor 74AC175MTC Datasheet HTML 4Page - Fairchild Semiconductor 74AC175MTC Datasheet HTML 5Page - Fairchild Semiconductor 74AC175MTC Datasheet HTML 6Page - Fairchild Semiconductor 74AC175MTC Datasheet HTML 7Page - Fairchild Semiconductor 74AC175MTC Datasheet HTML 8Page - Fairchild Semiconductor 74AC175MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
tm
April 2007
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC175, 74ACT175 Rev. 1.4
74AC175, 74ACT175
Quad D-Type Flip-Flop
Features
ICC reduced by 50%
Edge-triggered D-type inputs
Buffered positive edge-triggered clock
Asynchronous common reset
True and complement output
Outputs source/sink 24mA
ACT175 has TTL-compatible inputs
General Description
The AC/ACT175 is a high-speed quad D-type flip-flop.
The device is useful for general flip-flop requirements
where clock and clear inputs are common. The informa-
tion on the D-type inputs is stored during the LOW-to-
HIGH clock transition. Both true and complemented out-
puts of each flip-flop are provided. A Master Reset input
resets all flip-flops, independent of the Clock or D-type
inputs, when LOW.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Connection Diagram
Pin Descriptions
Order
Number
Package
Number
Package Description
74AC175SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
Body
74AC175SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC175MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC175PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74ACT175SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
Body
74ACT175SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT175MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
D0–D3
Data Inputs
CP
Clock Pulse Input
MR
Master Reset Input
Q0–Q3
True Outputs
Q0–Q3
Complement Outputs
FACT™ is a trademark of Fairchild Semiconductor Corporation.


Similar Part No. - 74AC175MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC175MTC FAIRCHILD-74AC175MTC Datasheet
99Kb / 9P
   Quad D-Type Flip-Flop
More results

Similar Description - 74AC175MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
   Quad D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
   Quad D-Type Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
   Quad D-type flip-flop
Rev. 10 - 29 November 2021
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B Datasheet
96Kb / 8P
   Quad Type D Flip-Flop
August, 2000 ??Rev. 4
MC14175B ONSEMI-MC14175B_14 Datasheet
128Kb / 6P
   Quad Type D Flip-Flop
August, 2014 ??Rev. 9
logo
Fairchild Semiconductor
74AC175 FAIRCHILD-74AC175 Datasheet
99Kb / 9P
   Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD74AC175 HITACHI-HD74AC175 Datasheet
59Kb / 10P
   Quad D-Type Flip-Flop
logo
ON Semiconductor
74VHC175 ONSEMI-74VHC175 Datasheet
338Kb / 11P
   Quad D-Type Flip-Flop
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com