Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC175 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74AC175
Description  Quad D-Type Flip-Flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC175 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74AC175 Datasheet HTML 2Page - Fairchild Semiconductor 74AC175 Datasheet HTML 3Page - Fairchild Semiconductor 74AC175 Datasheet HTML 4Page - Fairchild Semiconductor 74AC175 Datasheet HTML 5Page - Fairchild Semiconductor 74AC175 Datasheet HTML 6Page - Fairchild Semiconductor 74AC175 Datasheet HTML 7Page - Fairchild Semiconductor 74AC175 Datasheet HTML 8Page - Fairchild Semiconductor 74AC175 Datasheet HTML 9Page - Fairchild Semiconductor 74AC175 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC175, 74ACT175 Rev. 1.4
6
AC Electrical Characteristics for AC
Note:
6. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
AC Operating Requirements for AC
Note:
7. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
Symbol
Parameter
VCC (V)
(6)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock Frequency
3.3
149
214
139
MHz
5.0
187
244
187
tPLH
Propagation Delay,
CP to Qn or Qn
3.3
2.0
9.5
12.0
2.0
13.5
ns
5.0
1.5
7.0
9.0
1.0
9.5
tPHL
Propagation Delay,
CP to Qn or Qn
3.3
2.5
8.5
13.0
2.0
14.5
ns
5.0
1.5
6.0
9.5
1.5
10.5
tPLH
Propagation Delay,
MR to Qn
3.3
3.0
7.5
12.5
2.5
13.5
ns
5.0
2.0
5.5
9.0
1.5
10.0
tPHL
Propagation Delay,
MR to Qn
3.3
3.0
8.5
11.0
2.5
12.5
ns
5.0
2.0
6.0
8.5
1.5
9.0
Symbol
Parameter
VCC (V)
(7)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Dn to CP
3.3
2.0
4.5
4.5
ns
5.0
1.0
3.0
3.0
tH
Hold Time, HIGH or LOW,
Dn to CP
3.3
1.0
1.0
1.0
ns
5.0
1.0
1.0
1.0
tW
CP Pulse Width,
HIGH or LOW
3.3
2.5
4.5
4.5
ns
5.0
2.0
3.5
3.5
tW
MR Pulse Width, LOW
3.3
2.5
4.5
5.0
ns
5.0
2.0
3.5
3.5
tREC
Recovery Time, MR to CP
3.3
–2.0
0
0
ns
5.0
–1.0
0
0


Similar Part No. - 74AC175

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74AC175 ONSEMI-74AC175 Datasheet
178Kb / 6P
   QUAD D FLIP-FLOP WITH MASTER RESET
logo
Texas Instruments
74AC175 TI-74AC175 Datasheet
35Kb / 7P
[Old version datasheet]   Quad D Flip-Flop with Reset
logo
Fairchild Semiconductor
74AC175 FAIRCHILD-74AC175 Datasheet
99Kb / 9P
   Quad D-Type Flip-Flop
74AC175MTC FAIRCHILD-74AC175MTC Datasheet
99Kb / 9P
   Quad D-Type Flip-Flop
74AC175PC FAIRCHILD-74AC175PC Datasheet
99Kb / 9P
   Quad D-Type Flip-Flop
More results

Similar Description - 74AC175

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
   Quad D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
   Quad D-Type Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
   Quad D-type flip-flop
Rev. 10 - 29 November 2021
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B Datasheet
96Kb / 8P
   Quad Type D Flip-Flop
August, 2000 ??Rev. 4
MC14175B ONSEMI-MC14175B_14 Datasheet
128Kb / 6P
   Quad Type D Flip-Flop
August, 2014 ??Rev. 9
logo
Fairchild Semiconductor
74AC175 FAIRCHILD-74AC175 Datasheet
99Kb / 9P
   Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD74AC175 HITACHI-HD74AC175 Datasheet
59Kb / 10P
   Quad D-Type Flip-Flop
logo
ON Semiconductor
74VHC175 ONSEMI-74VHC175 Datasheet
338Kb / 11P
   Quad D-Type Flip-Flop
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com