Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3A Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # S3A
Description  Surface Mount Si-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S3A Datasheet(HTML) 1 Page - Diotec Semiconductor

  S3A_07 Datasheet HTML 1Page - Diotec Semiconductor S3A_07 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S3A ... S3Y
S3A ... S3Y
Surface Mount Si-Rectifiers
Si-Gleichrichter für die Oberflächenmontage
Version 2005-06-21
Dimensions - Maße [mm]
Nominal current
Nennstrom
3 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...2000 V
Plastic case
Kunststoffgehäuse
~ SMC
~ DO-214AB
Weight approx. – Gewicht ca.
0.21 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
S3A
50
50
S3B
100
100
S3D
200
200
S3G
400
400
S3J
600
600
S3K
800
800
S3M
1000
1000
S3T
1300
1300
S3W
1600
1600
S3X
1800
1800
S3Y
2000
2000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
3 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
20 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
100/110 A
Rating for fusing – Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
50 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Mounted on P.C. board with 60 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 60 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.15
Type
Typ
1.2
7.9
±0.2
7.5
±0.2


Similar Part No. - S3A_07

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Semikron International
S3A SEMIKRON-S3A_07 Datasheet
119Kb / 2P
   Standard silicon rectifier diodes
More results

Similar Description - S3A_07

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SM5400 DIOTEC-SM5400_07 Datasheet
110Kb / 2P
   Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_15 Datasheet
129Kb / 2P
   Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_08 Datasheet
129Kb / 2P
   Surface Mount Si-Rectifiers
S1A DIOTEC-S1A Datasheet
165Kb / 2P
   Surface Mount Si-Rectifiers
S2A DIOTEC-S2A Datasheet
165Kb / 2P
   Surface Mount Si-Rectifiers
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
GL1A DIOTEC-GL1A Datasheet
157Kb / 2P
   Surface Mount Si-Rectifiers
S5A DIOTEC-S5A Datasheet
107Kb / 2P
   Surface Mount Si-Rectifiers
GL34A DIOTEC-GL34A Datasheet
170Kb / 2P
   Surface Mount Si-Rectifiers
SM4001 DIOTEC-SM4001 Datasheet
164Kb / 2P
   Surface Mount Si-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com