Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT503 Datasheet(PDF) 1 Page - Power Semiconductors

Part # AT503
Description  PHASE CONTROL THYRISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AT503 Datasheet(HTML) 1 Page - Power Semiconductors

  AT503 Datasheet HTML 1Page - Power Semiconductors AT503 Datasheet HTML 2Page - Power Semiconductors AT503 Datasheet HTML 3Page - Power Semiconductors AT503 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHASE CONTROL THYRISTOR
AT503
Repetitive voltage up to
1600 V
Mean on-state current
445 A
Surge current
6.4 kA
FINAL SPECIFICATION
gen 03 - ISSUE : 03
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
125
1600
V
V RSM
Non-repetitive peak reverse voltage
125
1700
V
V DRM
Repetitive peak off-state voltage
125
1600
V
I RRM
Repetitive peak reverse current
V=VRRM
125
30
mA
I DRM
Repetitive peak off-state current
V=VDRM
125
30
mA
CONDUCTING
I T (AV)
Mean on-state current
180° sin, 50 Hz, Th=55°C, double side cooled
445
A
I T (AV)
Mean on-state current
180° sin, 50 Hz, Tc=85°C, double side cooled
355
A
I TSM
Surge on-state current
sine wave, 10 ms
125
6.4
kA
I² t
I² t
without reverse voltage
205 x1E3
A²s
V T
On-state voltage
On-state current =
800 A
25
1.45
V
V T(TO)
Threshold voltage
125
0.9
V
r T
On-state slope resistance
125
0.680
mohm
SWITCHING
di/dt
Critical rate of rise of on-state current, min.
From 75% VDRM up to 500 A, gate 10V 5ohm
125
200
A/µs
dv/dt
Critical rate of rise of off-state voltage, min.
Linear ramp up to 70% of VDRM
125
500
V/µs
td
Gate controlled delay time, typical
VD=100V, gate source 10V, 10 ohm , tr=.5 µs
25
1.6
µs
tq
Circuit commutated turn-off time, typical
dV/dt = 20 V/µs linear up to 75% VDRM
200
µs
Q rr
Reverse recovery charge
di/dt=-20 A/µs, I= 330A
125
µC
I rr
Peak reverse recovery current
VR= 50 V
A
I H
Holding current, typical
VD=5V, gate open circuit
25
300
mA
I L
Latching current, typical
VD=5V, tp=30µs
25
700
mA
GATE
V GT
Gate trigger voltage
VD=5V
25
3.5
V
I GT
Gate trigger current
VD=5V
25
200
mA
V GD
Non-trigger gate voltage, min.
VD=VDRM
125
0.25
V
V FGM
Peak gate voltage (forward)
20
V
I FGM
Peak gate current
8A
V RGM
Peak gate voltage (reverse)
5V
P GM
Peak gate power dissipation
Pulse width 100 µs
75
W
P G
Average gate power dissipation
1
W
MOUNTING
R th(j-h)
Thermal impedance, DC
Junction to heatsink, double side cooled
95
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
20
°C/kW
T j
Operating junction temperature
-30 / 125
°C
F
Mounting force
4.9 / 5.9
kN
Mass
55
g
ORDERING INFORMATION : AT503 S 16
standard specification
VDRM&VRRM/100
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO
POSEICO SPA
Via N. Lorenzi 8, 16152 Genova - ITALY
Tel. ++ 39 010 6556234 - Fax ++ 39 010 6557519
Sales Office:
Tel. ++ 39 010 6556775 - Fax ++ 39 010 6442510


Similar Part No. - AT503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT503 ETC2-AT503 Datasheet
3Mb / 33P
   Accessories Hardware
AT503 ETC-AT503 Datasheet
3Mb / 34P
   Accessories Hardware
logo
TOKYO SEIMITSU CO., LTD
AT50304 ACCRETECH-AT50304 Datasheet
332Kb / 4P
   Built-In Type ATC Run-Out Detection System
AT50305 ACCRETECH-AT50305 Datasheet
332Kb / 4P
   Built-In Type ATC Run-Out Detection System
AT50316-05C-011 ACCRETECH-AT50316-05C-011 Datasheet
332Kb / 4P
   Built-In Type ATC Run-Out Detection System
More results

Similar Description - AT503

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com