Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YMF781 Datasheet(PDF) 9 Page - YAMAHA CORPORATION

Part # YMF781
Description  APL-1 Automobile sound PLayer-1
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF781 Datasheet(HTML) 9 Page - YAMAHA CORPORATION

Back Button YMF781 Datasheet HTML 5Page - YAMAHA CORPORATION YMF781 Datasheet HTML 6Page - YAMAHA CORPORATION YMF781 Datasheet HTML 7Page - YAMAHA CORPORATION YMF781 Datasheet HTML 8Page - YAMAHA CORPORATION YMF781 Datasheet HTML 9Page - YAMAHA CORPORATION YMF781 Datasheet HTML 10Page - YAMAHA CORPORATION YMF781 Datasheet HTML 11Page - YAMAHA CORPORATION YMF781 Datasheet HTML 12Page - YAMAHA CORPORATION YMF781 Datasheet HTML 13Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
YMF781
9
Clock Sync Serial Interface
tem
Symbol
in.
yp.
ax.
nit
SCLKN frequency (Serial transfer speed)
1 / TSFREQ
1
2
MHz
SCLKN High time
TSH
220
ns
SCLKN Low time
TSL
220
ns
SDI set-up time
TSIS
0
ns
SDI hold time
TSIH
75
ns
SDO output delay time
TSOD
200
ns
SDO output hold time (*1)
TSOH
110
ns
SRDYN output delay time (L→H) (*2)
TSRDD
300
ns
Conditions: TOP= -40 to 85℃, VDD= 3.0 to 3.6V, VDDC= 3.0 to 3.6V or 4.75 to 5.25V, Capacitor load=50pF
(*1) The last SDO output data is held until the next SCLKN falling edge is detected.
(*2) Time to the High level in synchronization with SCLKN, when the first 1 bit is transmitted or received.
The falling timing depends on the transmit/receive process of the internal Control CPU.
VIH= 0.75*VDD or 0.75*VDDC
VIL= 0.25*VDD or 025*VDDC
Input Signals
except XI
TF
TR
TXR
VIL= 0.25*VDD
XI
TXH
TXFREQ
TXF
VIH= 0.75*VDD
TXL
VIL= 0.25*VDDC
SCLKN
TSFREQ
VIH= 0.75*VDDC
TSH
TSL
TSIS
TSIH
SDI
TSOD
SDO
SRDYN
TSRDD
TSOH


Similar Part No. - YMF781

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMF715E YAMAHA-YMF715E Datasheet
282Kb / 54P
   OPL3 Single-chip Audio System 3
YMF715E-S YAMAHA-YMF715E-S Datasheet
282Kb / 54P
   OPL3 Single-chip Audio System 3
logo
LSI Computer Systems
YMF721 LSI-YMF721 Datasheet
324Kb / 41P
   FM Wavetable Synthesizer LSI
logo
YAMAHA CORPORATION
YMF724 YAMAHA-YMF724 Datasheet
268Kb / 50P
   high performance audio controller for the PCI Bus
YMF724F YAMAHA-YMF724F Datasheet
268Kb / 50P
   high performance audio controller for the PCI Bus
More results

Similar Description - YMF781

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMF795 YAMAHA-YMF795 Datasheet
1Mb / 45P
   APL-2 Automobile sound Player-2
logo
MOSDESIGN SEMICONDUCTOR...
M3720 MOSDESIGN-M3720 Datasheet
167Kb / 3P
   1 KEY 1 SOUND
2011-04-06
logo
List of Unclassifed Man...
M3720 ETC-M3720 Datasheet
113Kb / 3P
   1 KEY 1 SOUND
logo
Rohm
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
   Sound processor for DVD player
BD3871FS ROHM-BD3871FS Datasheet
94Kb / 3P
   Sound processor for CD radio cassette player
logo
Renesas Technology Corp
SLG7NT4850V RENESAS-SLG7NT4850V Datasheet
1Mb / 10P
   APL Power Sequencer
February 25, 2022
logo
Dialog Semiconductor
SLG7NT4618 DIALOG-SLG7NT4618 Datasheet
1Mb / 10P
   APL Power Sequencer
logo
Renesas Technology Corp
SLG7NT4618V RENESAS-SLG7NT4618V Datasheet
1Mb / 10P
   APL Power Sequencer
February 25, 2022
logo
Pepperl+Fuchs Inc.
ARS11-B2-IC24-1 PF-ARS11-B2-IC24-1 Datasheet
3Mb / 7P
   Ethernet-APL Rail Field Switch
logo
Dialog Semiconductor
SLG7NT4850 DIALOG-SLG7NT4850 Datasheet
1Mb / 10P
   APL Power Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com