Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YGV629 Datasheet(PDF) 10 Page - YAMAHA CORPORATION

Part # YGV629
Description  VC1 Video Controller 1
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YGV629 Datasheet(HTML) 10 Page - YAMAHA CORPORATION

Back Button YGV629 Datasheet HTML 6Page - YAMAHA CORPORATION YGV629 Datasheet HTML 7Page - YAMAHA CORPORATION YGV629 Datasheet HTML 8Page - YAMAHA CORPORATION YGV629 Datasheet HTML 9Page - YAMAHA CORPORATION YGV629 Datasheet HTML 10Page - YAMAHA CORPORATION YGV629 Datasheet HTML 11Page - YAMAHA CORPORATION YGV629 Datasheet HTML 12Page - YAMAHA CORPORATION YGV629 Datasheet HTML 13Page - YAMAHA CORPORATION YGV629 Datasheet HTML 14Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
YGV629
-10-
4GV629A50
Clock
Supply two clocks of the display system clock and the reference clock to the VC1 separately.
The display system clock becomes the original of a clock (dot clock) that is used for outputting monitor scan
timing and display data.
The reference clock becomes the original of a clock (system clock) that is used for the process except the
above.
The system clock and dot clock can be generated from the reference clock by supplying only the reference
clock to VC1.
XIN (Input
Pin No.141)
XOUT (Output
Pin No.142)
The reference clock input pin. Reference clock of the built-in PLL is input.
DTCKIN (Input
Pin No.12)
Display system clock input pin. Input a clock which becomes the original of a clock (dot clock) that is
used for outputting monitor scan timing and display data.
DTCKS_N (Input
Pin No.11)
Display system clock selection pin. The signal selects a pin to input the display system clock.
PLLCTL5-0 (Input
Pin No.5-10)
PLL control pin. The pins set the multiplication number of the system clock that is generated in the
built-in PLL to the reference clock.
FILTER (Analog
Pin No.2)
A filter connection pin for the built-in PLL that is used for the system clock oscillation.
CPU Interface
Each CPU interface pin is used for the interface with the host CPU. The host CPU can control VC1 as an
external I/O device.
The CPU interface of VC1 can select the 8-bit parallel interface or the serial interface. And, since its access
timing is asynchronous interface, connection to various CPUs is possible.
D7-0 (Input Output
Pin No.15-22)
CPU data bus pin. The data bus pins are connected to the CPU external bus when 8-bit parallel interface
is selected.
PS2-0 (Input Output
Pin No.31-33)
Selection pin for the internal port.
Connect the pins to the CPU external address bus when 8-bit parallel interface is selected.
CS_N (Input
Pin No.28)
Chip-select input pin. Input the chip-select signal to the pin when 8-bit parallel interface is selected.
RD_N (Input
Pin No.30)
Read pulse input pin.
The strobe signal for the data read (from CPU to VC1) is input when using in 8-bit parallel interface.
WR_N (Input
Pin No.29)
Write pulse input pin. The strobe signal for the data write (from CPU to VC1) is input when using in 8-bit
parallel interface.


Similar Part No. - YGV629

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YGV627 YAMAHA-YGV627 Datasheet
318Kb / 16P
   AVDP3E - Advanced Video Display processor 3 Enhanced
YGV628B YAMAHA-YGV628B Datasheet
630Kb / 26P
   AVDP7 Advanced Video Display Processor 7
More results

Similar Description - YGV629

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YGV639 YAMAHA-YGV639 Datasheet
1Mb / 34P
   Video Controller 1 with Enhanced Functions
logo
List of Unclassifed Man...
TMS9927 ETC-TMS9927 Datasheet
363Kb / 5P
   VIDEO TIMER / CONTROLLER
logo
Intel Corporation
82731 INTEL-82731 Datasheet
1Mb / 19P
   VIDEO INTERFACE CONTROLLER
logo
Siemens Semiconductor G...
SDA545X SIEMENS-SDA545X Datasheet
91Kb / 2P
   Video Text Controller
logo
List of Unclassifed Man...
T108 ETC2-T108 Datasheet
1Mb / 89P
   Video Display Controller
logo
Winbond
W9970CF WINBOND-W9970CF Datasheet
219Kb / 6P
   VIDEO GRAPHICS CONTROLLER
logo
List of Unclassifed Man...
SE401 ETC-SE401 Datasheet
146Kb / 2P
   USB Video Image Controller
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
   Advanced monitor video controller
November 1992
logo
List of Unclassifed Man...
TP6800 ETC1-TP6800 Datasheet
475Kb / 33P
   DIGITAL VIDEO CAMERA CONTROLLER
CRT8002 ETC-CRT8002 Datasheet
1Mb / 14P
   CRT VIDEO DISPLAY ATTRIBUTES CONTROLLER VIDEO GENERATOR VDAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com