Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YDA137 Datasheet(PDF) 7 Page - YAMAHA CORPORATION

Part # YDA137
Description  D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA137 Datasheet(HTML) 7 Page - YAMAHA CORPORATION

Back Button YDA137 Datasheet HTML 3Page - YAMAHA CORPORATION YDA137 Datasheet HTML 4Page - YAMAHA CORPORATION YDA137 Datasheet HTML 5Page - YAMAHA CORPORATION YDA137 Datasheet HTML 6Page - YAMAHA CORPORATION YDA137 Datasheet HTML 7Page - YAMAHA CORPORATION YDA137 Datasheet HTML 8Page - YAMAHA CORPORATION YDA137 Datasheet HTML 9Page - YAMAHA CORPORATION YDA137 Datasheet HTML 10Page - YAMAHA CORPORATION YDA137 Datasheet HTML 11Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
YDA137
7
Description of functions
Digital Amplifier Function
INL
(INR)
VREFL
(VREFR)
Balanced
Pulse
Width
Modulation
Unit
(L-ch/R-ch)
RI
OUTPL
OUTPR)
LO
LO
CO
CO
RL
Digital Amplifier
Stage
VSSPL1
VPL
(VPR)
YDA137
First Operational
Amplifier Stage
RNP
RNP
VDDPL
VSSPL2
VDDPL
OUTML
OUTMR)
Amplifier function block diagram
Amplifier Section of YDA137 is composed of the first operational amplifier stage and the latter digital amplifier stage.
Gain of the first operational amplifier can be set by connecting input resistor (RI) and feedback resistor (RFB) externally.
In digital amplifier stage, digital amplifier output is feed-backed to the modulation circuit, and low distortion rate is
realized.
Digital amplifier output is connected to a speaker through the 2nd-order low-pass filter consisting of inductance (Lo) and
capacitance (Co). This eliminates carrier frequency content existing at the digital amplifier output, consequently only audio
signal is sent to a speaker.
Gain Setting
Gain of the first operational amplifier can be calculated by the following formula. Gain of an internal digital amplifier is
8.0dB.
Gain
First operational amplifier stage
20×log(RFB/RI) dB (Using RI and RFB. Conditions:RI >2kΩ)
Digital amplifier stage
8.0dB
In the application circuit example, RI=33kΩ, RFB=39kΩ, total gain (Av) can be calculated by the following formula.
In this setting value, input sensitivity is 1Vrms, the maximum output could be obtained at 1Vrms input.
When input sensitivity is set to 150mVrms, it is set as RI=4.7kΩ and RFB=39kΩ.
Av(dB) = 20×log(39/33) + 8
= 9.5 (dB)
In gain setting of the first operational amplifier stage, it is necessary to obey the restriction that is described in the “Pop
Noise Rejection Function.” In addition, feed back resistor (RFB) needs to be 10kΩ or over because of the restriction on
operational amplifier drive capability.


Similar Part No. - YDA137

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA131 YAMAHA-YDA131 Datasheet
1Mb / 18P
   D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA135 YAMAHA-YDA135 Datasheet
464Kb / 22P
   STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA136 YAMAHA-YDA136 Datasheet
1Mb / 32P
   D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA138 YAMAHA-YDA138 Datasheet
1Mb / 20P
   D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
YDA138-E YAMAHA-YDA138-E Datasheet
1Mb / 20P
   D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
More results

Similar Description - YDA137

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA135 YAMAHA-YDA135 Datasheet
464Kb / 22P
   STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
logo
Diodes Incorporated
PAM8406 DIODES-PAM8406 Datasheet
560Kb / 14P
   ALTERNATIVE 5W STEREO AUDIO AMPLIFIER
logo
Analog Devices
SSM2518 AD-SSM2518_18 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC4158 FUMAN-TC4158 Datasheet
245Kb / 8P
   5W Mono Digital Audio Power Amplifier IC
TC6805 FUMAN-TC6805 Datasheet
266Kb / 8P
   5W Mono Digital Audio Power Amplifier IC
logo
YAMAHA CORPORATION
YDA143 YAMAHA-YDA143 Datasheet
1Mb / 22P
   D- 3M STEREO 15W DIGITAL AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA3160A ANPEC-APA3160A Datasheet
1Mb / 38P
   20W Stereo Digital Class-D Audio Power Amplifier
logo
YAMAHA CORPORATION
YDA139 YAMAHA-YDA139 Datasheet
1Mb / 18P
   D- 4 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA138 YAMAHA-YDA138 Datasheet
1Mb / 20P
   D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
YDA131 YAMAHA-YDA131 Datasheet
1Mb / 18P
   D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com